Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 7Page - Microchip Technology MCP1663 Datasheet HTML 8Page - Microchip Technology MCP1663 Datasheet HTML 9Page - Microchip Technology MCP1663 Datasheet HTML 10Page - Microchip Technology MCP1663 Datasheet HTML 11Page - Microchip Technology MCP1663 Datasheet HTML 12Page - Microchip Technology MCP1663 Datasheet HTML 13Page - Microchip Technology MCP1663 Datasheet HTML 14Page - Microchip Technology MCP1663 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MCP1663 9V/12V/24V OUTPUT
BOOST REGULATOR EVALUATION
BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002364A-page 11
Chapter 1. Product Overview
1.1
INTRODUCTION
This chapter provides an overview of the MCP1663 9V/12V/24V Output Boost
Regulator Evaluation Board and covers the following topics:
• MCP1663 Short Overview
• What is the MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board?
• What the MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
Contains
1.2
MCP1663 DEVICE OVERVIEW
The MCP1663 is a compact, high-efficiency, fixed-frequency, non-synchronous step-up
DC/DC converter which integrates a 36V, 400 m
 switch. This product provides a
space-efficient high voltage step-up, easy-to-use power supply solution. The MCP1663
was developed for applications powered by two-cell or three-cell alkaline, Energizer®
Lithium Primary, Ni-Cd, Ni-MH batteries, or Li-Ion or Li-Polymer batteries.
The MCP1663 operates in Pulse-Width Modulation (PWM), at a fixed 500 kHz
switching frequency. The device features an under-voltage lockout (UVLO) which
prevents fault operation below 1.85V (UVLOSTOP) corresponding to the value of two
discharged batteries. The MCP1663 starts its normal operation at 2.3V input voltage
(UVLOSTART) and the operating input voltage ranges from 2.4V to 5.5V.
For standby applications, MCP1663 can be put in Shutdown by pulling the EN pin to
GND. The device will stop switching and will consume a few µA of input current
(including feedback divider current; the device consumes 300 nA typical). In the Boost
configuration, the input voltage will be bypassed to output through the inductor and
Schottky diode.
MCP1663 also provides over-voltage protection (OVP) in the event of:
• Short-circuit of the feedback pin to GND
• Disconnected feedback divider
In these conditions, the OVP function will stop the internal driver and prevent damage
to the device. This feature is disabled during the start-up sequence and Thermal
Shutdown state.
The goal of the MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board is to
demonstrate the higher output voltage and output current capabilities of the MCP1663
Boost Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com