Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 8Page - Microchip Technology MCP1663 Datasheet HTML 9Page - Microchip Technology MCP1663 Datasheet HTML 10Page - Microchip Technology MCP1663 Datasheet HTML 11Page - Microchip Technology MCP1663 Datasheet HTML 12Page - Microchip Technology MCP1663 Datasheet HTML 13Page - Microchip Technology MCP1663 Datasheet HTML 14Page - Microchip Technology MCP1663 Datasheet HTML 15Page - Microchip Technology MCP1663 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board User’s Guide
DS50002364A-page 12
 2015 Microchip Technology Inc.
FIGURE 1-1:
Typical MCP1663 Boost Converter Two Alkaline Cells Input.
1.2.1
HIGH INPUT VOLTAGE CONFIGURATION
The MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board comes with two
additional configurations that can be used to extend and overcome the typical low VIN
voltage range, providing significantly more flexibility for applications powered from a
higher input. The MCP1663 high-input voltage boost converter (the bottom circuit on
the evaluation board) comes with two different solutions that can be used to extend the
application's input voltage range beyond its typical values. For this circuit, VIN
represents the voltage applied between the VIN and GND test points on the board and
VDD represents the voltage that will be present on the MCP1663 input pin.
• The first option used for driving the MCP1663’s low input (VDD) voltage internal
circuitry is to use a linear dropout regulator (LDO) to step-down the application
supply voltage (VIN) to 5V.
• The second solution to limit the VIN voltage is to use a Zener diode regulator.
The MCP1663 low input quiescent current keeps the LDO and the Zener diode circuitry
power losses at a low level.
µ
VIN
EN
GND
VFB
SW
VIN
2.4V - 3.2V
VOUT
12V, >100 mA
COUT
10 µF
CIN
10 µF
L
4.7 µH
+
1.05 M
120 k
+
-
OFF
ON
-
D
RT
RB
20V, 500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com