Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 17Page - Microchip Technology MCP1663 Datasheet HTML 18Page - Microchip Technology MCP1663 Datasheet HTML 19Page - Microchip Technology MCP1663 Datasheet HTML 20Page - Microchip Technology MCP1663 Datasheet HTML 21Page - Microchip Technology MCP1663 Datasheet HTML 22Page - Microchip Technology MCP1663 Datasheet HTML 23Page - Microchip Technology MCP1663 Datasheet HTML 24Page - Microchip Technology MCP1663 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Installation and Operation
 2015 Microchip Technology Inc.
DS50002364A-page 21
2.3.2
Test Results for MCP1663 - BOTTOM Circuit
The second circuit was developed for applications where an input voltage higher than
the typical working range is needed. Refer to Figure 2-7 for the maximum output
current that can be obtained for different input voltages.
FIGURE 2-6:
MCP1663 24.0V VOUT High Load Operation Waveforms.
FIGURE 2-7:
MCP1663 Maximum IOUT vs. VIN.
VOUT 50 mV/div, AC Coupled
20 MHz BW
IL
500 mA/div
10 V/div
IOUT = 500 mA
2µs/div
VIN 12V
VSW
0
200
400
600
800
6
8
10
12
14
VIN (V)
VOUT = 24V
TA = 25°C
Note: VDD = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com