Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 24Page - Microchip Technology MCP1663 Datasheet HTML 25Page - Microchip Technology MCP1663 Datasheet HTML 26Page - Microchip Technology MCP1663 Datasheet HTML 27Page - Microchip Technology MCP1663 Datasheet HTML 28Page - Microchip Technology MCP1663 Datasheet HTML 29Page - Microchip Technology MCP1663 Datasheet HTML 30Page - Microchip Technology MCP1663 Datasheet HTML 31Page - Microchip Technology MCP1663 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2015 Microchip Technology Inc.
DS50002364A-page 29
MCP1663 9V/12V/24V OUTPUT
BOOST REGULATOR EVALUATION
BOARD USER’S GUIDE
Appendix B. Bill of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty. Reference
Description
Manufacturer
Part Number
1
C1
Cap. ceramic 1 µF 35V 10% X7R SMD
0805
TDK Corporation
CGA4J3X7R1V105K125AB
1
C2
Cap. ceramic 1 µF 10V 20% X7R SMD
0603
TDK Corporation
C1608X7R1A105M
2
C3, C7
Cap. ceramic 10 µF 16V 20% X5R SMD
0805
TDK Corporation
C2012X5R1C106M/0.85
4
C4, C5, C6,
C8
Cap. ceramic 10 µF 50V 20% X7S SMD
1210
TDK Corporation
C3225X7S1H106M
1
C9
Cap. ceramic 0.1 µF 50V 20% X7R SMD
0603
TDK Corporation
C1608X7R1H104M
2
D1, D2
Diode rectifier 1N4148 855 mV 150 mA
75V SOD-323
Diodes® Incorporated
1N4148WS-7
1
D3
Diode Zener 1SMA5918BT3G 5.1V 1.5W
DO-214AC_SMA
ON Semiconductor®
1SMA5918BT3G
2
D4, D5
Diode Schottky MBRA140T3G 550 mV
1A 40V DO-214AC_SMA
ON Semiconductor
MBRA140T3G
1
J1
Conn. header-2.54 Male 1x3 tin 5.84 MH
th. vert.
Samtec, Inc.
TSW-103-07-T-S
8
J3, J5, J6,
J7, J11, J12,
J13, J14
Conn. TP loop tin SMD
Harwin Plc
S1751-46R
1
JP1
Mech. hardware jumper 2.54 mm
1x2 handle gold
TE Connectivity
881545-2
1
L1
Inductor 4.7 µH 2A 20% SMD XFL4020
Coilcraft
XFL4020-472MEB
1
L2
Inductor 10 µH 2.2A 20% SMD
L4.3W4.3H4.1
Coilcraft
XAL4040-103MEB
4PAD1,
PAD2,
PAD3, PAD4
Mech. hardware rubber pad Bumpon
Hemisphere 0.630" x 0.312" black
3M
SJ-5027 (BLACK)
2
R1, R2
Resistor 5.6K Ohm 1/4W 1% 1206 SMD
Panasonic® Electronic
Components Group
ERJ-8ENF5601V
1
RB
Resistor TKF 9.1k 1% 1/8W SMD 0805
Panasonic Electronic
Components Group
ERJ-6ENF9101V
1
RB1
Resistor TKF 174k 1% 1/8W SMD 0805
Panasonic Electronic
Components Group
ERJ-6ENF1743V
1
RB2
Resistor TKF 453k 1% 1/8W SMD 0805
Panasonic Electronic
Components Group
ERJ-6ENF4533V
1
RT
Resistor TKF 169k 1% 1/8W SMD 0805
Panasonic Electronic
Components Group
ERJ-6ENF1693V
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released
BOM used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com