Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 16Page - Microchip Technology MCP1663 Datasheet HTML 17Page - Microchip Technology MCP1663 Datasheet HTML 18Page - Microchip Technology MCP1663 Datasheet HTML 19Page - Microchip Technology MCP1663 Datasheet HTML 20Page - Microchip Technology MCP1663 Datasheet HTML 21Page - Microchip Technology MCP1663 Datasheet HTML 22Page - Microchip Technology MCP1663 Datasheet HTML 23Page - Microchip Technology MCP1663 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board User’s Guide
DS50002364A-page 20
 2015 Microchip Technology Inc.
FIGURE 2-4:
MCP1663 9V Output Efficiency vs. IOUT.
FIGURE 2-5:
MCP1663 12V Output Efficiency vs. IOUT.
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IOUT (mA)
VOUT = 9.0V
VIN = 3.0V
VIN = 2.3V
VIN = 4.0V
VIN = 5.5V
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IOUT (mA)
VOUT = 12.0V
VIN = 4.0V
VIN = 5.5V
VIN = 3.0V
VIN = 2.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com