Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 12Page - Microchip Technology MCP1663 Datasheet HTML 13Page - Microchip Technology MCP1663 Datasheet HTML 14Page - Microchip Technology MCP1663 Datasheet HTML 15Page - Microchip Technology MCP1663 Datasheet HTML 16Page - Microchip Technology MCP1663 Datasheet HTML 17Page - Microchip Technology MCP1663 Datasheet HTML 18Page - Microchip Technology MCP1663 Datasheet HTML 19Page - Microchip Technology MCP1663 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board User’s Guide
DS50002364A-page 16
 2015 Microchip Technology Inc.
FIGURE 2-1:
MCP1663 Evaluation Board Schematic.
VIN
EN
GND
VFB
SW
VOUT
9V, 12V selectable
COUT
10 µF
CIN
10 µF
L1
4.7 µH
1.1 M
174 k
RT1
RB1
GND
+
-
VOUT
GND
+
-
MCP1663
40V, 1A
VIN
2.4V to 5.5V
VIN
D5
SW3
453 k
RB2
VIN
EN
GND
VFB
SW
VOUT
24V
C4
10 µF
169 k
9.1 k
RT
RB
GND
+
-
VOUT
GND
+
-
MCP1663
40V, 1A
VIN
9V - 16V
VIN
D4
VIN
SHDN
GND
VOUT
MCP1804/5V
C1
1µF
C1
1µF
D1
D2
C1
1µF
DZ
5.1V
5.6 k
R1
5.6 k
R2
J1
VIN
DZIN
C8
10 µF
DZIN
L2
10 µH
C5
10 µF
C9
0.1 µF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com