Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 11Page - Microchip Technology MCP1663 Datasheet HTML 12Page - Microchip Technology MCP1663 Datasheet HTML 13Page - Microchip Technology MCP1663 Datasheet HTML 14Page - Microchip Technology MCP1663 Datasheet HTML 15Page - Microchip Technology MCP1663 Datasheet HTML 16Page - Microchip Technology MCP1663 Datasheet HTML 17Page - Microchip Technology MCP1663 Datasheet HTML 18Page - Microchip Technology MCP1663 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MCP1663 9V/12V/24V OUTPUT
BOOST REGULATOR EVALUATION
BOARD USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002364A-page 15
Chapter 2. Installation and Operation
2.1
INTRODUCTION
MCP1663 is a non-synchronous, fixed-frequency step-up DC/DC converter which has
been developed for applications that require higher output voltage capabilities.
MCP1663 can regulate the output voltage up to 32V and can deliver up to 250 mA load
at 3.3V input and 12V output (see Figure 2-3). At light loads, MCP1663 skips pulses to
keep the output ripple low. The regulated output voltage (VOUT) should be greater than
the input voltage (VIN).
Another important feature is that the device integrates the compensation and protection
circuitry, such that the final solution lowers total system cost, eases implementation and
requires a minimum number of additional components and board area.
2.1.1
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
Features
The MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board has the
following features:
• MCP1663 device can be evaluated in two separate applications:
Typical 9V/12V Output supplied from low-input voltage source
- Input Voltage range (VIN): 2.4V to 5.5V, with VIN VOUT
- Output Current: typical 250 mA @ 12V Output, 3.3V Input
- Enable state selectable using EN switch
24V Output supplied from high input voltage source
- Input Voltage range (VIN): 9V to 16V
• Undervoltage Lockout (UVLO)
- UVLO Start: 2.3V
- UVLO Stop: 1.85V
• PWM Operation
• PWM Switching Frequency: 500 kHz
• Peak Input Current Limit of 1.8A (typical)
• Internal Compensation
•Soft Start
• Protection in case of feedback pin shorted to GND
• Overtemperature Protection (if the die temperature exceeds +150°C, with 15°C
hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com