Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 24Page - Microchip Technology MCP1663 Datasheet HTML 25Page - Microchip Technology MCP1663 Datasheet HTML 26Page - Microchip Technology MCP1663 Datasheet HTML 27Page - Microchip Technology MCP1663 Datasheet HTML 28Page - Microchip Technology MCP1663 Datasheet HTML 29Page - Microchip Technology MCP1663 Datasheet HTML 30Page - Microchip Technology MCP1663 Datasheet HTML 31Page - Microchip Technology MCP1663 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Bill of Materials (BOM)
 2015 Microchip Technology Inc.
DS50002364A-page 30
1
RT1
Resistor TKF 1.1M 1% 1/8W SMD 0805
Panasonic Electronic
Components Group
ERJ-6ENF1104V
1
SW3
Switch dip. spst. 24V 25 mA
418121270801 SMD
Wurth Electronik Group 418121270801
9TP1, TP2,
TP3, TP4,
TP5, TP6,
TP7, TP8,
TP9
Conn. TP loop red th.
Keystone Electronics
Corp.
5010
1
U1
Microchip analog LDO 5V
MCP1804T-5002I/OT SOT-23-5
Microchip Technology
Inc.
MCP1804T-5002I/OT
2
U2, U3
Microchip analog switcher boost 24V
MCP1663T-E/OT SOT-23-5
Microchip Technology
Inc.
MCP1663T-E/OT
TABLE B-1:
BILL OF MATERIALS (BOM) (CONTINUED)
Qty. Reference
Description
Manufacturer
Part Number
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released
BOM used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com