Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 15Page - Microchip Technology MCP1663 Datasheet HTML 16Page - Microchip Technology MCP1663 Datasheet HTML 17Page - Microchip Technology MCP1663 Datasheet HTML 18Page - Microchip Technology MCP1663 Datasheet HTML 19Page - Microchip Technology MCP1663 Datasheet HTML 20Page - Microchip Technology MCP1663 Datasheet HTML 21Page - Microchip Technology MCP1663 Datasheet HTML 22Page - Microchip Technology MCP1663 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Installation and Operation
 2015 Microchip Technology Inc.
DS50002364A-page 19
For output voltages higher than 15V, the inductor value should be increased. See
Table 2-1 for more information.
2.3
TEST RESULTS FOR TYPICAL APPLICATION USING MCP1663
2.3.1
Test Results for MCP1663 - TOP Circuit
This chapter provides specific operation waveforms and graphs. Refer to the MCP1663
Data Sheet (DS20005406) for more information.
FIGURE 2-3:
MCP1663 Boost - 9V and 12.0 VOUT Maximum IOUT vs. VIN with
Maximum 5% Output Drop.
TABLE 2-1:
RECOMMENDED RESISTOR DIVIDER AND INDUCTOR VALUES
VOUT
Inductor Value
RT
RB
6.0V
4.7 µH
1050 kΩ
270 kΩ
9.0V
4.7 µH
1000 kΩ
160 kΩ
12V
4.7 µH
1050 kΩ
120 kΩ
24V
10 µH
1050 kΩ
56 kΩ
32V
10 µH
1100 kΩ
43 kΩ
0
100
200
300
400
500
600
700
800
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
VOUT = 12V
VOUT = 9.0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com