Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 3Page - Linear Technology LTC2435-1IGN Datasheet HTML 4Page - Linear Technology LTC2435-1IGN Datasheet HTML 5Page - Linear Technology LTC2435-1IGN Datasheet HTML 6Page - Linear Technology LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology LTC2435-1IGN Datasheet HTML 10Page - Linear Technology LTC2435-1IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC2435/LTC2435-1
7
24351fa
RMS Noise vs VINCM
RMS Noise vs Temperature (TA)
RMS Noise vs VCC = VREF
RMS Noise vs VREF
Offset Error vs VINCM
Offset Error vs Temperature
Offset Error vs VCC = VREF
Offset Error vs VREF
TYPICAL PERFOR A CE CHARACTERISTICS
VINCM (V)
–1
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
1
3
4
2435 G11
0
2
5
6
FO = GND
REF+ = 5V
REF– = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
TEMPERATURE (°C)
–50
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
50
75
2435 G12
–25
25
100
FO = GND
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
VCC (V)
2.7
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
3.5
4.3
4.7
2435 G13
3.1
3.9
5.1
5.5
FO = GND
REF+ = VCC
REF– = GND
TA = 25°C
VIN = 0V
VINCM = GND
VREF (V)
0
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
2
4
5
2435 G14
1
3
FO = GND
REF– = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
–320
–322
–324
–326
–328
–330
–332
–334
–336
–338
–340
VCC (V)
2.7
3.5
3.9
5.5
3.1
4.3
4.7
5.1
2435 G17
REF+ = VCC
REF – = GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
VREF (V)
0
–1.60
–1.61
–1.62
–1.63
–1.64
–1.65
–1.66
–1.67
–1.68
–1.69
–1.70
2
4
5
2435 G18
1
3
FO = GND
REF– = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
INPUT DIFFERENTIAL VOLTAGE (V)
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
2435 G10
–2.5 –2 –1.5 –1 – 0.5 0
0.5
1
1.5
2
2.5
VCC = 5V
VREF = 5V
VINCM = 2.5V
FO = GND
TA = 25°C
VINCM (V)
–1
–320
–322
–324
–326
–328
–330
–332
–334
–336
–338
–340
1
3
4
2435 G15
0
2
5
6
VCC = 5V
REF+ = 5V
REF – = GND
VIN = 0V
FO = GND
TA = 25°C
–320
–322
–324
–326
–328
–330
–332
–334
–336
–338
–340
TEMPERATURE (°C)
– 45
–15
15
30
90
–30
0
45
60
75
2435 G16
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
FO = GND
RMS Noise vs Input Differential
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com