Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 31 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 27Page - Linear Technology LTC2435-1IGN Datasheet HTML 28Page - Linear Technology LTC2435-1IGN Datasheet HTML 29Page - Linear Technology LTC2435-1IGN Datasheet HTML 30Page - Linear Technology LTC2435-1IGN Datasheet HTML 31Page - Linear Technology LTC2435-1IGN Datasheet HTML 32Page - Linear Technology LTC2435-1IGN Datasheet HTML 33Page - Linear Technology LTC2435-1IGN Datasheet HTML 34Page - Linear Technology LTC2435-1IGN Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC2435/LTC2435-1
31
24351fa
Figure 29. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 30. Resolution (INLRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 28. – FS Error vs Output Data Rate and Temperature
Figure 31. Offset Change* vs Output
Data Rate and Reference Voltage
Figure 33. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Reference Voltage
Figure 32. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Reference Voltage
OUTPUT DATA RATE (READINGS/SEC)
0
22
21
20
19
18
17
16
15
60
80 100
2435 F29
40
20
120 140 160 180 200
TA = 25°C
TA = 85°C
VCC = VREF = 5V
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
RES = LOG2(VREF/NOISERMS)
OUTPUT DATA RATE (READINGS/SEC)
0
50
40
30
20
10
0
–10
–20
–30
–40
–50
60
80 100
2435 F31
40
20
120 140 160 180 200
VCC = 2.7V
VREF = 2.5V
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
VCC = VREF = 5V
* RELATIVE TO OFFSET AT
NORMAL OUTPUT RATE
OUTPUT DATA RATE (READINGS/SEC)
0
22
21
20
19
18
17
16
15
60
80 100
2435 F32
40
20
120 140 160 180 200
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
RES = LOG2(VREF/NOISERMS)
VCC = 2.7V
VREF = 2.5V
VCC = VREF = 5V
APPLICATIO S I FOR ATIO
OUTPUT DATA RATE (READINGS/SEC)
–200
–220
–240
–260
–280
–300
–320
–340
–360
–380
–400
2435 F28
0
204060 80 100 120 140 160 180 200
VINCM = VREFCM
VCC = VREF = 5V
FO = EXT OSC
TA = 25°C
TA = 85°C
OUTPUT DATA RATE (READINGS/SEC)
21
20
19
18
17
16
15
14
2435 F30
0
204060 80 100 120 140 160 180 200
VCC = VREF = 5V
VINCM = VREFCM
REF– = GND
FO = EXT OSC
RES = LOG2 (VREF/INLMAX)
TA = 25°C
TA = 85°C
OUTPUT DATA RATE (READINGS/SEC)
21
20
19
18
17
16
15
14
2435 F33
0
204060 80 100 120 140 160 180 200
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
RES = LOG2 (VREF/INLMAX)
VCC = VREF = 5V
VCC = 2.7V
VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com