Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC2435-1IGN Datasheet HTML 1Page - Linear Technology LTC2435-1IGN Datasheet HTML 2Page - Linear Technology LTC2435-1IGN Datasheet HTML 3Page - Linear Technology LTC2435-1IGN Datasheet HTML 4Page - Linear Technology LTC2435-1IGN Datasheet HTML 5Page - Linear Technology LTC2435-1IGN Datasheet HTML 6Page - Linear Technology LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC2435/LTC2435-1
2
24351fa
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
(Notes 1, 2)
ORDER PART NUMBER
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Reference Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2435C/LTC2435-1C ........................... 0°C to 70°C
LTC2435I/LTC2435-1I ........................ – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
TJMAX = 125°C, θJA = 95°C/W
LTC2435CGN
LTC2435IGN
LTC2435-1CGN
LTC2435-1IGN
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V ≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF, (Note 5)
●
20
Bits
Integral Nonlinearity
5V ≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Note 6)
2
ppm of VREF
5V ≤ VCC ≤ 5.5V, REF
+ = 5V, REF– = GND, VINCM = 2.5V, (Note 6)
●
3
20
ppm of VREF
2.7V ≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Note 6)
10
ppm of VREF
Offset Error
2.5V ≤ REF+ ≤ VCC, REF– = GND,
●
25
mV
GND ≤ IN+ = IN– ≤ VCC, (Note 14)
Offset Error Drift
2.5V ≤ REF+ ≤ VCC, REF– = GND,
100
nV/°C
GND ≤ IN+ = IN– ≤ VCC
Positive Gain Error
2.5V ≤ REF+ ≤ VCC, REF– = GND,
●
10
25
ppm of VREF
IN+ = 0.75REF+, IN– = 0.25 • REF+
Positive Gain Error Drift
2.5V ≤ REF+ ≤ VCC, REF
– = GND,
0.1
ppm of VREF/°C
IN+ = 0.75REF+, IN– = 0.25 • REF+
Negative Gain Error
2.5V ≤ REF+ ≤ VCC, REF– = GND,
●
10
25
ppm of VREF
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Negative Gain Error Drift
2.5V ≤ REF+ ≤ VCC, REF– = GND,
0.1
ppm of VREF/°C
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Output Noise
5V ≤ VCC ≤ 5.5V, REF+ = 5V, REF – = GND,
4
µVRMS
GND ≤ IN– = IN+ ≤ VCC, (Note 13)
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
GN PART MARKING
2435
2435I
24351
24351I
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
VCC
REF+
REF –
IN+
IN–
GND
GND
GND
GND
FO
SCK
SDO
CS
GND
GND
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
CO VERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V ≤ REF+ ≤ VCC, REF– = GND,
●
110
120
dB
GND ≤ IN– = IN+ ≤ VCC (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com