Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 10Page - Linear Technology LTC2435-1IGN Datasheet HTML 11Page - Linear Technology LTC2435-1IGN Datasheet HTML 12Page - Linear Technology LTC2435-1IGN Datasheet HTML 13Page - Linear Technology LTC2435-1IGN Datasheet HTML 14Page - Linear Technology LTC2435-1IGN Datasheet HTML 15Page - Linear Technology LTC2435-1IGN Datasheet HTML 16Page - Linear Technology LTC2435-1IGN Datasheet HTML 17Page - Linear Technology LTC2435-1IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC2435/LTC2435-1
14
24351fa
APPLICATIO S I FOR ATIO
Output Data Format
The LTC2435/LTC2435-1 serial output data stream is 24
bits long. The first 3 bits represent status information
indicating the sign and conversion state. The next 21 bits
are the conversion result, MSB first. The third and fourth
bit together are also used to indicate an underrange
condition (the differential input voltage is below –FS) or an
overrange condition (the differential input voltage is above
+FS).
Bit 23 (first output bit) is the end of conversion (EOC)
indicator. This bit is available at the SDO pin during the
conversion and sleep states whenever the CS pin is LOW.
This bit is HIGH during the conversion and goes LOW
when the conversion is complete.
Bit 22 (second output bit) is a dummy bit (DMY) and is
always LOW.
Bit 21 (third output bit) is the conversion result sign indi-
cator (SIG). If VIN is >0, this bit is HIGH. If VIN is <0, this
bit is LOW.
Bit 20 (fourth output bit) is the most significant bit (MSB)
of the result. This bit in conjunction with Bit 21 also
provides the underrange or overrange indication. If both
Bit 21 and Bit 20 are HIGH, the differential input voltage is
above +FS. If both are LOW, the differential input voltage
is below –FS.
The function of these bits is summarized in Table 1.
Table 1. LTC2435/LTC2435-1 Status Bits
Bit 23
Bit 22 Bit 21 Bit 20
Input Range
EOC
DMY
SIG
MSB
VIN ≥ 0.5 • VREF
00
1
1
0V ≤ VIN < 0.5 • VREF
00
1
0
–0.5 • VREF ≤ VIN < 0V
0
0
0
1
VIN < – 0.5 • VREF
00
0
0
Bits 20-0 are the 21-bit conversion result MSB first.
Bit 0 is the least significant bit (LSB).
Data is shifted out of the SDO pin under control of the serial
clock (SCK), see Figure 3. Whenever CS is HIGH, SDO
remains high impedance and any externally generated
SCK clock pulses are ignored by the internal data out shift
register.
In order to shift the conversion result out of the device, CS
must first be driven LOW. EOC is seen at the SDO pin of the
device once CS is pulled LOW. EOC changes real time from
HIGH to LOW at the completion of a conversion. This
signal may be used as an interrupt for an external
microcontroller. Bit 23 (EOC) can be captured on the first
rising edge of SCK. Bit 22 is shifted out of the device on the
first falling edge of SCK. The final data bit (Bit 0) is shifted
out on the falling edge of the 23rd SCK and may be latched
on the rising edge of the 24th SCK pulse. On the falling
edge of the 24th SCK pulse, SDO goes HIGH indicating the
initiation of a new conversion cycle. This bit serves as EOC
(Bit 23) for the next conversion cycle. Table 2 summarizes
the output data format.
As long as the voltage on the IN+ and IN– pins is maintained
within the – 0.3V to (VCC + 0.3V) absolute maximum
operating range, a conversion result is generated for any
differential input voltage VIN from –FS = –0.5 • VREF to
+FS = 0.5 • VREF. For differential input voltages greater
than +FS, the conversion result is clamped to the value
corresponding to the +FS. For differential input voltages
below –FS, the conversion result is clamped to the value
corresponding to –FS – 1LSB.
Offset Accuracy and Drift
Unlike the LTC2430 and most of the LTC2400 family, the
LTC2435/LTC2435-1 do not perform an offset calibration
every cycle. The reason for this is to increase the data output
rate while maintaining line frequency rejection.
While the initial accuracy of the LTC2435/LTC2435-1
offset is within 5mV (see Figure 4), several unique prop-
erties of the LTC2435/LTC2435-1 architecture nearly elimi-
nate the drift of the offset error with respect to temperature
and supply.
As shown in Figure 5, the offset variation with temperature
is less than 3ppm over the complete temperature range of
–50°C to 100°C. This corresponds to a temperature drift
of 0.022ppm/°C.
While the variation in offset with supply voltage is propor-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com