Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 17Page - Linear Technology LTC2435-1IGN Datasheet HTML 18Page - Linear Technology LTC2435-1IGN Datasheet HTML 19Page - Linear Technology LTC2435-1IGN Datasheet HTML 20Page - Linear Technology LTC2435-1IGN Datasheet HTML 21Page - Linear Technology LTC2435-1IGN Datasheet HTML 22Page - Linear Technology LTC2435-1IGN Datasheet HTML 23Page - Linear Technology LTC2435-1IGN Datasheet HTML 24Page - Linear Technology LTC2435-1IGN Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC2435/LTC2435-1
21
24351fa
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the sleep state and enter the data output
state. In order to allow the device to return to the sleep
state, CS must be pulled HIGH before the first rising edge
of SCK. In the internal SCK timing mode, SCK goes HIGH
and the device begins outputting data at time tEOCtest after
the falling edge of CS (if EOC = 0) or tEOCtest after EOC goes
LOW (if CS is LOW during the falling edge of EOC). The
value of tEOCtest is 23µs (LTC2435), 26µs (LTC2435-1) if
the device is using its internal oscillator (F0 = logic LOW or
APPLICATIO S I FOR ATIO
Figure 10. External Serial Clock, CS = 0 Operation (2-Wire)
Figure 11. Internal Serial Clock, Single Cycle Operation
EOC
BIT 23
SDO
SCK
(EXTERNAL)
CS
MSB
LSB
SIG
BIT 0
BIT 5
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
DATA OUTPUT
CONVERSION
2435 F10
CONVERSION
VCC
FO
REF+
REF
SCK
IN+
IN
SDO
GND
CS
214
3
4
13
5
6
12
1, 7, 8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
2-WIRE
INTERFACE
1µF
2.7V TO 5.5V
LTC2435/
LTC2435-1
= 50Hz REJECTION (LTC2435)
= EXTERNAL OSCILLATOR
= 60Hz REJECTION (LTC2435)
= 50Hz/60Hz REJECTION (LTC2435-1)
VCC
SDO
SCK
(INTERNAL)
CS
MSB
LSB
SIG
BIT 0
BIT 5
TEST EOC
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
EOC
BIT 23
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
2435 F11
<tEOCtest
VCC
10k
Hi-Z
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
REF+
REF
SCK
IN+
IN
SDO
GND
CS
214
3
4
13
5
6
12
1, 7, 8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
3-WIRE
SPI INTERFACE
1µF
2.7V TO 5.5V
LTC2435/
LTC2435-1
= 50Hz REJECTION (LTC2435)
= EXTERNAL OSCILLATOR
= 60Hz REJECTION (LTC2435)
= 50Hz/60Hz REJECTION (LTC2435-1)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com