Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 31Page - Linear Technology LTC2435-1IGN Datasheet HTML 32Page - Linear Technology LTC2435-1IGN Datasheet HTML 33Page - Linear Technology LTC2435-1IGN Datasheet HTML 34Page - Linear Technology LTC2435-1IGN Datasheet HTML 35Page - Linear Technology LTC2435-1IGN Datasheet HTML 36Page - Linear Technology LTC2435-1IGN Datasheet HTML 37Page - Linear Technology LTC2435-1IGN Datasheet HTML 38Page - Linear Technology LTC2435-1IGN Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
LTC2435/LTC2435-1
35
24351fa
APPLICATIO S I FOR ATIO
Figure 42. Connecting the LTC2435/LTC2435-1 to a PIC16F73 MCU Using the SPI Serial Interface
Figure 41. Use a Differential Multiplexer to Expand Channel Capability
2435 F41
REF+
REF–
IN+
IN–
1, 7, 8, 9,
10, 15, 16
2
A0
A1
LTC2435/
LTC2435-1
VCC
GND
13
3
6
12
47µF
14
1
5
10
16
5V
15
11
2
TO OTHER
DEVICES
4
9
8
5V
+
74HC4052
3
4
5
6
LTC2435/
LTC2435-1
SCK
SDO
CS
13
12
11
13
14
15
17
18
RC2
RC3
RC4
RC6
RC7
PIC16F73
2435 F42
819
20
12
11
13
10
18
2
4
5
6
15
8
14
9
17
3
7
16
C1
C2
C3
C4
C5
VCC
VCC
VCC
1
2
3
4
5
6
7
8
9
X1
T1IN
T2IN
R1OUT
R2OUT
SHDN
C1+
C1–
C2+
C2–
T1OUT
T2OUT
R1IN
R2IN
VCC
V+
V–
GND
LT1180A
Sample Driver for LTC2435/LTC2435-1 SPI Interface
Figure 41 shows the use of an LTC2435/LTC2435-1 with
a differential multiplexer. This is an inexpensive multi-
plexer that will contribute some error due to leakage if
used directly with the output from the bridge, or if
resistors are inserted as a protection mechanism from
overvoltage. Although the bridge output may be within the
input range of the A/D and multiplexer in normal opera-
tion, some thought should be given to fault conditions
that could result in full excitation voltage at the inputs to
the multiplexer or ADC. The use of amplification prior to
the multiplexer will largely eliminate errors associated
with channel leakage developing error voltages in the
source impedance.
The LTC2435/LTC2435-1 have a very simple serial inter-
face that makes interfacing to microprocessors and
microcontrollers very easy.
The listing in Figure 43 is a data collection program for the
LTC2435/LTC2435-1 using the PIC16F73 microcontroller.
The microcontroller is configured to transfer data through
the SPI serial interface. Figure 42 shows the connection.
The LT1180A is a dual RS232 driver/receiver pair with
integral charge pump that generates RS232 voltage levels
from a single 5V supply.
The program begins by declaring variables and allocating
memory locations to store the 24-bit conversion result.
The main sequence starts with pulling CS LOW. It then
waits for SDO to go LOW to start reading data. Three bytes
are read to the MCU and the LTC2435/LTC2435-1 will
automatically start a new conversion. CS is also raised to
HIGH to ensure that a new conversion is started. The
collected data are sent out through the serial port at 57600
baud. This can be captured with a terminal program and
analyzed with a spreadsheet using the HEX2DEC function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com