Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 4Page - Linear Technology LTC2435-1IGN Datasheet HTML 5Page - Linear Technology LTC2435-1IGN Datasheet HTML 6Page - Linear Technology LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology LTC2435-1IGN Datasheet HTML 10Page - Linear Technology LTC2435-1IGN Datasheet HTML 11Page - Linear Technology LTC2435-1IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC2435/LTC2435-1
8
24351fa
TYPICAL PERFOR A CE CHARACTERISTICS
Full-Scale Error vs Temperature
Full-Scale Error vs VCC
+Full-Scale Gain Error vs VCC
PSRR vs Frequency at VCC
(LTC2435-1)
PSRR vs Frequency at VCC
(LTC2435-1)
PSRR vs Frequency at VCC
(LTC2435-1)
–330
–340
–350
–360
–370
TEMPERATURE (°C)
–60
100
2435 G19
–20
20
60
–40
0
40
80
+FS ERROR
–FS ERROR
FO = GND
VCC = 5V
VREF = 5V
VINCM = 2.5V
FREQUENCY AT VCC (Hz)
0
0
–20
–40
–60
–80
–100
–120
–140
2435 G22
40
200 220
180
160
140
120
100
20
60 80
VCC = 4.1VDC ±1.4V
REF+ = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–20
–40
–60
–80
–100
–120
–140
2435 G23
1
10
100
1000 10000 100000 1000000
VCC = 4.1VDC
REF+ = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY AT VCC (Hz)
13800
13950
2435 G24
13850
13900
14000
VCC = 4.1VDC ±0.7V
REF+ = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY AT VCC (Hz)
2435 G25
0
40
80
120
160
200
240
VCC = 4.1VDC ±1.4V
REF+ = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–20
–40
–60
–80
–100
–120
–140
2435 G26
1
10
100
1000 10000 100000 1000000
VCC = 4.1VDC
REF+ = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY AT VCC (Hz)
15250
15400
2435 G27
15300
15350
15450
VCC = 4.1VDC ±0.7V
REF+ = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
PSRR vs Frequency at VCC
(LTC2435)
PSRR vs Frequency at VCC
(LTC2435)
PSRR vs Frequency at VCC
(LTC2435)
VCC (V)
2.7
–300
–400
–500
–600
–700
–800
–900
3.9
4.7
2435 G20
3.1
3.5
4.3
5.1
5.5
+FS ERROR
–FS ERROR
VREF = 2.5V
REF – = GND
VINCM = 0.5VREF
FO = GND
TA = 25°C
20
15
10
5
0
–5
VCC (V)
2.7
3.5
3.9
5.5
3.1
4.3
4.7
5.1
2435 G21
VREF = 2.5V
REF – = GND
VINCM = 0.5VREF
FO = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com