Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 30Page - Linear Technology LTC2435-1IGN Datasheet HTML 31Page - Linear Technology LTC2435-1IGN Datasheet HTML 32Page - Linear Technology LTC2435-1IGN Datasheet HTML 33Page - Linear Technology LTC2435-1IGN Datasheet HTML 34Page - Linear Technology LTC2435-1IGN Datasheet HTML 35Page - Linear Technology LTC2435-1IGN Datasheet HTML 36Page - Linear Technology LTC2435-1IGN Datasheet HTML 37Page - Linear Technology LTC2435-1IGN Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
LTC2435/LTC2435-1
34
24351fa
Figure 39. Input Normal Mode Rejection
vs Input Frequency with Running Average
Figure 40. Measured Input Normal Mode
Rejection vs Input Frequency (fN = 54.6Hz)
Figure 38. Input Normal Mode Rejection
vs Input Frequency (LTC2435-1)
APPLICATIO S I FOR ATIO
INPUT FREQUENCY (Hz)
0
50
100 125
225
2435 F38
25
75
150 175 200
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
REF– = GND
VINCM = 2.5V
VIN(P-P) = 5V
FO = GND
TA = 25°C
MEASURED DATA
CALCULATED DATA
INPUT FREQUENCY (Hz)
0
50
100 125
225
2435 F39
25
75
150 175 200
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
REF– = GND
VINCM = 2.5V
VIN(P-P) = 5V
FO = GND
TA = 25°C
MEASURED DATA
CALCULATED DATA
INPUT FREQUENCY (Hz)
0
50
100 125
225
2435 F40
25
75
150 175 200
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
REF– = GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com