Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2435-1IGN Datasheet HTML 1Page - Linear Technology LTC2435-1IGN Datasheet HTML 2Page - Linear Technology LTC2435-1IGN Datasheet HTML 3Page - Linear Technology LTC2435-1IGN Datasheet HTML 4Page - Linear Technology LTC2435-1IGN Datasheet HTML 5Page - Linear Technology LTC2435-1IGN Datasheet HTML 6Page - Linear Technology LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2435/LTC2435-1
1
24351fa
■ 2×
××
×
× Speed Up Version of the LTC2430: 15Hz Output
Rate, 60Hz Notch—LTC2435; 13.75Hz Output Rate,
Simultaneous 50Hz/60Hz Notch—LTC2435-1
■ Differential Input and Differential Reference with
GND to VCC Common Mode Range
■ 3ppm INL, No Missing Codes
■ 10ppm Gain Error
■ 0.8ppm Noise
■ Single Conversion Settling Time for Multiplexed
Applications
■ Internal Oscillator—No External Components
Required
■ Single Supply 2.7V to 5.5V Operation
■ Low Supply Current (200µA,4µA in Auto Sleep)
■ 20-Bit ADC in Narrow SSOP-16 Package
(SO-8 Footprint)
The LTC
®2435/2435-1 are 2.7V to 5.5V micropower
20-bit differential ∆Σ analog to digital converters with
integrated oscillator, 3ppm INL and 0.8ppm RMS noise.
They use delta-sigma technology and provide single cycle
settling time for multiplexed applications. Through a
single pin, the LTC2435 can be configured for better than
110dB input differential mode rejection at 50Hz or 60Hz
±2%, or it can be driven by an external oscillator for a user
defined rejection frequency. The LTC2435-1 can be con-
figured for better than 87dB input differential mode rejec-
tion over the range of 49Hz to 61.2Hz (50Hz and 60Hz
±2% simultaneously). The internal oscillator requires no
external frequency setting components.
The converters accept any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5VREF to 0.5VREF.
The reference common mode voltage, VREFCM, and the
input common mode voltage, VINCM, may be indepen-
dently set anywhere within the GND to VCC range of the
LTC2435/LTC2435-1. The DC common mode input rejec-
tion is better than 120dB.
The LTC2435/LTC2435-1 communicate through a flexible
3-wire digital interface which is compatible with SPI and
MICROWIRE
TM protocols.
, LTC and LT are registered trademarks of Linear Technology Corporation.
20-Bit No Latency ∆Σ
TM
ADCs with Differential Input and
Differential Reference
No Latency ∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
Protected by U.S. Patents including 6140950, 6169506.
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
214
3
4
13
5
6
12
1, 7, 8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
= INTERNAL OSC/50Hz REJECTION (LTC2435)
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION (LTC2435)
= INTERNAL 50Hz/60Hz REJECTION (LTC2435-1)
3-WIRE
SPI INTERFACE
1µF
2.7V TO 5.5V
LTC2435/
LTC2435-1
2435 TA01
VCC
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO S
APPLICATIO S
■
Direct Sensor Digitizer
■ Weight Scales
■ Direct Temperature Measurement
■
Gas Analyzers
■ Strain Gage Transducers
■ Instrumentation
■
Data Acquisition
■ Industrial Process Control
■ 6-Digit DVMs
10
8
6
4
2
0
–2
–4
–6
–8
–10
INPUT VOLTAGE (V)
–2.5
–1.5
–0.5
0.5
1.5
2435 G04
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
TA = –45°C
TA = 25°C
TA = 85°C
Integral Nonlinearity vs Input


Similar Part No. - LTC2435-1IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
20-Bit No Latency ADCs with Differential Input and Differential Reference
More results

Similar Description - LTC2435-1IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2430 LINER-LTC2430 Datasheet
460Kb / 40P
20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
24-Bit No Latency ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com