Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology LTC2435-1IGN Datasheet HTML 10Page - Linear Technology LTC2435-1IGN Datasheet HTML 11Page - Linear Technology LTC2435-1IGN Datasheet HTML 12Page - Linear Technology LTC2435-1IGN Datasheet HTML 13Page - Linear Technology LTC2435-1IGN Datasheet HTML 14Page - Linear Technology LTC2435-1IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC2435/LTC2435-1
11
24351fa
FU CTIO AL BLOCK DIAGRA
Figure 1. Functional Block Diagram
TEST CIRCUITS
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
∑
∫
∫
∫
GND
VCC
IN+
IN–
SDO
SCK
REF+
REF –
CS
FO
(INT/EXT)
2435 F01
–+
+
–
1.69k
SDO
2435 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2435 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com