Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435-1IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 5Page - Linear Technology LTC2435-1IGN Datasheet HTML 6Page - Linear Technology LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology LTC2435-1IGN Datasheet HTML 10Page - Linear Technology LTC2435-1IGN Datasheet HTML 11Page - Linear Technology LTC2435-1IGN Datasheet HTML 12Page - Linear Technology LTC2435-1IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2435/LTC2435-1
9
24351fa
TYPICAL PERFOR A CE CHARACTERISTICS
Conversion Current vs
Temperature
Conversion Current vs
Output Data Rate
Sleep-Mode Current vs
Temperature
Offset Change* vs Output Data
Rate
Resolution (NoiseRMS ≤ 1LSB) vs
Output Data Rate
Resolution (INLMAX ≤ 1LSB) vs
Output Data Rate
TEMPERATURE (°C)
–45
2435 G28
–30 –15
45
60
75
90
30
15
0
240
230
220
210
200
190
180
170
160
FO = GND
CS = GND
SCK = NC
SDO = NC
VCC = 5.5V
VCC = 5V
VCC = 3V
VCC = 2.7V
1000
900
800
700
600
500
400
300
200
100
OUTPUT DATA RATE (READINGS/SEC)
2435 G29
010 20 30 40
50 60 70
80 90 100
VCC = 3V
VCC = 5V
VREF = VCC
IN+ = GND
IN– = GND
SCK = NC
SDO = NC
SDI = GND
CS = GND
FO = EXT OSC
TA = 25°C
TEMPERATURE (°C)
–45
2435 G30
–30 –15
45
60
75
90
30
15
0
6
5
4
3
2
1
0
FO = GND
CS = VCC
SCK = NC
SDO = NC
VCC = 5.5V
VCC = 5V
VCC = 3V
VCC = 2.7V
OUTPUT DATA RATE (READINGS/SEC)
50
40
30
20
10
0
–10
–20
–30
–40
–50
2435 G31
0
204060 80 100 120 140 160 180 200
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
VCC = VREF = 5V
VCC = 2.7V
VREF = 2.5V
* RELATIVE TO OFFSET AT
NORMAL OUTPUT RATE
OUTPUT DATA RATE (READINGS/SEC)
22
21
20
19
18
17
16
15
2435 G32
0
204060 80 100 120 140 160 180 200
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
RES = LOG2 (VREF/NOISERMS)
VCC = VREF = 5V
VCC = 2.7V
VREF = 2.5V
OUTPUT DATA RATE (READINGS/SEC)
21
20
19
18
17
16
15
14
2435 G33
0
204060 80 100 120 140 160 180 200
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
RES = LOG2 (VREF/INLMAX)
VCC = VREF = 5V
VCC = 2.7V
VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com