Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 146 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 142Page - STMicroelectronics L9679P Datasheet HTML 143Page - STMicroelectronics L9679P Datasheet HTML 144Page - STMicroelectronics L9679P Datasheet HTML 145Page - STMicroelectronics L9679P Datasheet HTML 146Page - STMicroelectronics L9679P Datasheet HTML 147Page - STMicroelectronics L9679P Datasheet HTML 148Page - STMicroelectronics L9679P Datasheet HTML 149Page - STMicroelectronics L9679P Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 272 page
background image
SPI interfaces
L9679P
146/272
DocID029275 Rev 1
7.5
Remote sensor SPI tables
A summary of all the registers contained within the remote sensor SPI map are shown
below and are referenced throughout the specification as they apply. The SPI register tables
also specify the effect of the internal reset signals assertion on each bit field (the symbol ‘-‘is
used to indicate that the register is not affected by the relevant reset signal’).
7.5.1
Remote sensor SPI global status word
The Remote Sensor SPI of L9679P contains an 11-bit word that returns global status
information. The Global Status Word (GSW) of the Remote Sensor SPI is the most
significant 11 bits of MISO_RS data.
Table 9. GSW - Remote sensor SPI global status word
MISO_RS GSW
Name
POR
WSM SSM
Description
31
10
SPIFLT
0
0
0
SPI Fault, set if previous SPI frame had wrong parity check or
wrong number of bits, cleared upon read ‘
0 No fault
1 Fault
30
9
0
0
0
0
Unused
29
8
RSFLT
0
0
0
Remote Sensor Interface Fault Present, logical OR of the
corresponding FLTBIT bits (bit 15) for all faults but NODATA
0 All the RSDRx-FLTBIT bits are 0
1 At least one of the RSDRx-FLTBIT bits is 1 and the
associated fault code is different from NODATA
28
7
0
0
0
0
Unused
27
6
0
0
0
0
Unused
26
5
0
0
0
0
Unused
25
4
0
0
0
0
Unused
24
3
0
0
0
0
Unused
23
2
0
0
0
0
Unused
22
1
0
0
0
0
Unused
21
0
ERR_RI
D
00
0
Read address received in the actual SPI frame is unused so
data in the response is don't care
0 No Error
1 Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com