Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 147 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 143Page - STMicroelectronics L9679P Datasheet HTML 144Page - STMicroelectronics L9679P Datasheet HTML 145Page - STMicroelectronics L9679P Datasheet HTML 146Page - STMicroelectronics L9679P Datasheet HTML 147Page - STMicroelectronics L9679P Datasheet HTML 148Page - STMicroelectronics L9679P Datasheet HTML 149Page - STMicroelectronics L9679P Datasheet HTML 150Page - STMicroelectronics L9679P Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 272 page
background image
DocID029275 Rev 1
147/272
L9679P
SPI interfaces
271
7.6
Remote sensor SPI read/write registers
7.6.1
Remote sensor data/fault registers (RSDRx @FLT = 0)
Note:
The value in Bit15 (FLT) will re-define the use of the other bits, hence the tables below are
divided into two groups (Section 7.6.1 and Section 7.6.2).
Remote Sensor 0 Data and Fault Flag Register ch 0, slot 1 (RSDR0)
Remote Sensor 1 Data and Fault Flag Register ch 1, slot 1 (RSDR1)
Remote Sensor 4 Data and Fault Flag Register ch 0, slot 2 (RSDR4)
Remote Sensor 5 Data and Fault Flag Register ch 1, slot 2 (RSDR5)
Remote Sensor 8 Data and Fault Flag Register ch 0, slot 3 (RSDR8)
Remote Sensor 9 Data and Fault Flag Register ch 1, slot 3 (RSDR9)
Bit 15 = 0 NO FAULT Condition
ID:
50 (RSDR0)
51 (RSDR1)
54 (RSDR4)
55 (RSDR5)
58 (RSDR8)
59 (RSDR9)
Type:
R
Read:
5000 (RSDR0)
5100 (RSDR1)
5400 (RSDR4)
5500 (RSDR5)
5800 (RSDR8)
5900 (RSDR9)
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI_RS
XX
X
X
X
X
X
X
XX
X
X
X
X
X
X
MISO_RS
(PSI5)
CRC
0
LCID [3:0]
DATA [9:0]
CRC[2:0]
-
-
-
CRC based on bits [16:0]
Updated based on bits [16:0]
FLT
1
1
1 Fault Status - Depending on Fault Status, the DATA bits are defined differently
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, INVALID, SLOT_ERROR, NODATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com