Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 149 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 149 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 145Page - STMicroelectronics L9679P Datasheet HTML 146Page - STMicroelectronics L9679P Datasheet HTML 147Page - STMicroelectronics L9679P Datasheet HTML 148Page - STMicroelectronics L9679P Datasheet HTML 149Page - STMicroelectronics L9679P Datasheet HTML 150Page - STMicroelectronics L9679P Datasheet HTML 151Page - STMicroelectronics L9679P Datasheet HTML 152Page - STMicroelectronics L9679P Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 272 page
background image
DocID029275 Rev 1
149/272
L9679P
SPI interfaces
271
7.6.2
Remote sensor data/fault registers (RSDRx @ FLT=1)
Bit 15 = 1 FAULTED condition
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOS_RSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO_RS
(PSI5)
CRC
X
LCID [3:0]
STG STB
XX
CRC[2:0]
-
-
-
CRC based on bits [16:0]
Updated based on bits [16:0]
FLT
1
1
1 Fault Status
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, NODATA, INVALID, SLOT ERROR, PULSE
OVERFLOW ERROR
Set when any of the following bits are '1': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, NODATA, INVALID, SLOT ERROR, PULSE
OVERFLOW ERROR
0 No fault
1 Fault
On/Off
0
0
0 Channel On/Off Status
Cleared by SSM_RESET or when channel is commanded OFF via SPI
RSCTRL or when the STG bit is set or the RSTEMP bit is set
Set when channel is commanded ON by SPI RSCTRL
0 Off
1 On
LCID[0:3] 0000 0000 0000 Logical Channel ID
Updated based on SPI read request
0000 RSU0 SLOT1
0001 RSU0 SLOT2
0010 RSU0 SLOT3
0100 RSU1 SLOT1
0101 RSU1 SLOT2
0110 RSU1 SLOT3
STG
0
0
0 Short to Ground (in current limit condition)
Cleared by SSM_RESET or when channel is commanded OFF via SPI
RSCTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com