Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 171 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 171 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 167Page - STMicroelectronics L9679P Datasheet HTML 168Page - STMicroelectronics L9679P Datasheet HTML 169Page - STMicroelectronics L9679P Datasheet HTML 170Page - STMicroelectronics L9679P Datasheet HTML 171Page - STMicroelectronics L9679P Datasheet HTML 172Page - STMicroelectronics L9679P Datasheet HTML 173Page - STMicroelectronics L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 272 page
background image
DocID029275 Rev 1
171/272
L9679P
Remote sensor interface
271
9
Remote sensor interface
The L9679P contains 2 remote sensor interfaces, capable of supporting PSI-5 protocol
(synchronous mode, increased voltage, extended range) . A simplified block diagram of the
interface is shown below. The interface supply is given on the SATBUCK pin (refer to
Figure 3: Power supply block diagram). The circuitry consists of a power interface that
mirrors current flowing in the external sensor and transmits this current information to the
decoder, which produces a digital value for each remote sensor channel. The voltage at the
RSUx pins can be limited by the power interface in case of SATBUCK supply overvoltage to
protect the external sensors. Decoded data are then output through the Remote Sensor
Data Registers (RSDRx). Received signals can be processed to the corresponding discrete
logic output pin WS0-WS1. The power interface also contains error detection circuitry. When
a fault is detected, the error code is stored in a global SPI data buffer in the Remote Sensor
Data Registers (RSDRx).
Figure 38. Remote sensor interface logic blocks
Remote sensor configuration can be addressed via the Remote Sensor Configuration
Registers (RSCRx). In particular, TSxDIS bit allows overriding the time slot control for PSI5
I/F and BLKTxSEL allows selection between 5 ms and 10ms for the blanking time applied to
the current limitation fault detection each time a channel is activated.
The Remote Sensor Control Register (RSCTRL) allows for interface channels to be
switched on and off and for Sync Pulse control via SPI.
The remote sensor interface reports both data information and fault information in the
Remote Sensor Data Register (RSDRx). The device accommodates for a total of 6 data
registers. Independent data registers are defined for each remote sensor interface.
If the device detects an error on the sensor interface, the MSB in RSDRx (FLTBIT) will be
set to '1' and the following bits will be used to report the detected errors. Otherwise, the
register will contain only data information. Detailed information on data and fault reporting
are explained in the following sections.
When a fault condition is detected, the RSFLT bit of the global status word (GSW) is set to
1. Faults other than Short to Ground and Over-temperature will only clear after read, not by
the disabling of channel.
Data are cleared upon reading the RSDRx register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com