Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 173 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 173 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 169Page - STMicroelectronics L9679P Datasheet HTML 170Page - STMicroelectronics L9679P Datasheet HTML 171Page - STMicroelectronics L9679P Datasheet HTML 172Page - STMicroelectronics L9679P Datasheet HTML 173Page - STMicroelectronics L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 272 page
background image
DocID029275 Rev 1
173/272
L9679P
Remote sensor interface
271
Figure 40. Manchester bit encoding
The sensor input filter time, deglitch filter, (delay until a threshold crossing is detected) can
be configured in 15 steps. Filters can be selected individually for each channel, through the
Remote Sensor Configuration Register, WSFILT bits
The received message data are stored in input data registers that are read out by the
microcontroller via the SPI interface. For PSI5, three data registers per channel are used to
store remote sensor messages received during timeslots 1, 2, and 3 respectively. Each
register is updated after a certain delay (TWRITE_EN_DELAY) from the end of relative sensor
message. All the bits inside the register itself are simultaneously updated upon reception of
the remote sensor message to prevent partial frame data from being sampled via the SPI
interface. After the data for a given channel is read via the SPI interface, subsequent
requests for data from this channel will result in an error response.
To allow for sampling synchronization of remote sensor data with the software in the
microcontroller, the Remote sensor Interface block includes sync-pulse circuitry to signal
initiation of sampling in the remote sensor. The sync-pulse is output to the remote sensors in
the form of an increased voltage level on the RSUx pins when sampling is to be conducted.
The higher voltage level required for the sync-pulse is sourced from the SYNCBOOST
boost regulator. Pulse shaping is used to limit the slew rate of the pulses to reduce EMI.
Feedback protection is provided to prevent fault conditions on one channel from affecting
the others during sync-pulse generation. The microcontroller schedules the activation of the
sync pulses to the four channels by providing a periodic signal to the SATSYNC pin. When a
rising edge is detected on SATSYNC pin, the Remote sensor Interface block outputs sync
pulses on channels RSU0-RSU1 in sequence to reduce the average current inrush to the
remote sensors as shown in Figure 41. The voltage source in the Remote Sensor Interface
block can source and sink current and is used to discharge the bus capacitance at the end
of the sync pulse. The pull down device used to sink current is current limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com