Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 175 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 175 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 171Page - STMicroelectronics L9679P Datasheet HTML 172Page - STMicroelectronics L9679P Datasheet HTML 173Page - STMicroelectronics L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics L9679P Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 272 page
background image
DocID029275 Rev 1
175/272
L9679P
Remote sensor interface
271
The remote sensor interface is also able to detect faults occurring on the sensor interface.
The Remote Sensor Data Register (RSDRx) will report multiple fault flags.
When the number of bits decoded is incorrect (either too many or too few), a bit error is
indicated. When any bit error is detected (bit time, too many bits, too few bits), the decoder
will revert to the minimum bit time of the selected range and the message is discarded.
Error bit INVALID is an OR-ed combination of the following errors:
Start bit error outside of selected operating range
Data length error or stop bit error
Parity Error of received Remote sensor Message
Bit time error (a data bit edge is not received inside the expected time window)
9.1.2
Sensor data integrity: LCID and CRC
Each RSDRx data register contains a Logical Channel ID which is a 4/2-bit field for remote
sensors used to link the received data to the corresponding logical channel number. Each
RSDRx register contains also a CRC bit field computed on the data packet for data integrity
check. To satisfy functional safety requirements LCID, DATA and CRC bit fields propagate
through the same data path as a single item to the SPI output.
The polynomial calculation implemented for PSI5 data is described as in PSI5 specification
g(x)=1+x+x^3 with initialization value equal to ‘111’.
Below are the equations to calculate the CRC in combinatorial way.
CRC[2] = CRCext[0]+D[0]+D[1]+D[3]+D[6]+D[7]+D[8]+D[10]+D[13]+D[14]+D[15]
CRC[1] = CRCext[2]+D[0]+D[1]+D[2]+D[4]+D[7]+D[8]+D[9]+D[11]+D[14]+D[15]+D[16]
CRC[0] = CRCext[1]+CRCext[0]+D[0]+D[2]+D[5]+D[6]+D[7]+D[9]+D[12]+D[13]+D[14]+D[16]
Where D[16:0]= RSDR[16:0] and CRCext[n] are the starting seed values (all '1').
9.1.3
Detailed description
Manchester decoding
The Manchester decoder will support remote sensor communication as per PSI
specification rev 1.3 for the modes configurable via the STS bits in the RSCRx registers.
The Manchester Decoder checks the duty-cycle and period of the start bits to determine
their validity, depending on the configuration of the PERIOD_MEAS_DISABLE bit in the
RSCRx registers. The expected time windows for the mid bit transitions of each subsequent
bit within the received frame are determined by means of the internal oscillator time base.
Glitches shorter than 25% of the minimum bit time duration are rejected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com