Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 2Page - Analog Devices ADUCM310 Datasheet HTML 3Page - Analog Devices ADUCM310 Datasheet HTML 4Page - Analog Devices ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 5 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE2
fIN = 665.283 Hz sine wave; fSAMPLE =
100 kSPS; internally unbuffered
channels; the filter on the analog
inputs is a 15 Ω resistor and a 2 nF
capacitor
Signal-to-Noise Ratio (SNR)
Input Buffer
Disabled
80
dB
Includes distortion and noise
components
Enabled
78
dB
Chop mode on
74
dB
Automatic zero
Total Harmonic Distortion (THD)
Input Buffer
Disabled
−86
dB
Enabled
−86
dB
Chop mode on and automatic zero
Peak Harmonic or Spurious Noise
−88
dB
Buffer on and off
Channel-to-Channel Crosstalk
−95
dB
Measured on adjacent channels; fIN =
25 kHz sine wave; buffer on and off
ANALOG INPUT
Absolute Input Voltage Range
Unbuffered Mode
AGND
AVDD
V
Voltage level on AINx pin
Buffered Mode
AGND + 0.15
2.5
V
Voltage level on AINx pin
Input Voltage Ranges
Differential Mode
−VREF
+VREF
V
Voltage difference between AIN+
(positive input) and AIN− (negative
input)
Common-Mode Voltage Range
0.9
1.6
V
Single-Ended Mode
AGND
VREF
V
Voltage difference between AIN+
and AIN−
Input Current3
Buffered Mode
VIN = 0.15 V to 2.5 V
AIN0, AIN1, AIN2, and AIN3
−102
±5
+132
nA
ADC sampling rate ≤ 100 kSPS
−40
±15
+60
nA
ADC sampling rate ≤ 500 kSPS
−602
±25
+902
nA
ADC sampling rate ≤ 800 kSPS
Input Current Drift
±20
pA/°C
Input buffer on, ADC sampling rate ≤
500 kSPS
±101
pA/°C
Input buffer on, ADC sampling rate ≤
500 kSPS
±34
pA/°C
Input buffer on, ADC sampling rate ≤
800 kSPS
±201
pA/°C
Input buffer on, ADC sampling rate ≤
800 kSPS
AIN4 to AIN9
−502
±20
+502
nA
AIN4 to AIN9 ≤ 100 kSPS
−2152
±50
+1102
nA
ADC sampling rate ≤ 500 kSPS
−3502
−90
+902
nA
ADC sampling rate ≤ 800 kSPS
Unbuffered Mode
−11002
+750
+17002
nA
VIN = 0 V to 2.5 V, all channels, all
sampling rates
Input Current Drift
±1401
pA/°C
VIN = 1 V
±530
pA/°C
VIN = 1 V
Input Capacitance
20
pF
During ADC acquisition, buffer on
Input Leakage Current
−1.62
+1
+3.52
nA
ADC off, buffer off or buffer on,
AINx connected 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com