Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADuCM310
Data Sheet
Rev. B Page 10 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC AC CHARACTERISTICS
Slew Rate
VDAC0, VDAC1, VDAC4, and
VDAC5
3
V/µs
VDAC2, VDAC3, and VDAC6
1.1
V/µs
Voltage Output Settling Time
10
µs
Load =100 pF
0.05
ms
Load = 0.01 µF
Digital-to-Analog Glitch Energy
20
nV/sec
1 LSB change at major carry
(DACxDAT register change from
0x07FF0000 to 0x08000000)
AC PSRR 100 Hz
VDAC0, VDAC1, VDAC4, and
VDAC5
72
dB
VDAC2 and VDAC3
67
dB
VDAC6 and VDAC7
64
dB
AC PSRR 1 kHz
VDAC0, VDAC1, VDAC4, and
VDAC5
56
dB
VDAC2 and VDAC3
53
dB
VDAC6 and VDAC7
50
dB
POWER-ON RESET (POR)
Refers to voltage at DVDD pin
POR Trip Level
2.80
2.85
2.9
V
Power-on level
2.74
2.79
2.83
V
Power-down level
POR Hysteresis
65
mV
EXTERNAL RESET
External Reset Minimum Pulse
Width2
1.5
µs
Minimum pulse width required on
external RESET pin to trigger a
reset sequence
Reset Pin Glitch Immunity2
50
ns
Maximum low pulse width on RESET
pin that does not generate a reset
TEMPERATURE SENSOR
Accuracy2
1.25
1.37
1.494
V
Indicates die temperature; ADC
measured voltage for temperature
sensor channel without calibration,
TA = 25°C
FLASH/EE MEMORY
Endurance
10,000
Cycles
Data Retention
20
Years
TJ = 85°C
INTERNAL HIGH POWER OSCILLATOR
16
MHz
Accuracy
−2.251
+2.251
%
Used as input to PLL to generate
80 MHz clock
−3.0
+3
%
INTERNAL LOW POWER OSCILLATOR
32.768
kHz
Accuracy
−121
±8
+12
%
−22
±8
+12
LOGIC INPUTS
Input Low Voltage (VINL)
0.2 × IOVDD
V
Input High Voltage (VINH)
0.7 × IOVDD
V
Short-Circuit Current2
12
mA
LOGIC OUTPUTS
Output High Voltage (VOH)11
IOVDD − 0.4
V
ISOURCE = 2 mA
Output Low Voltage (VOL)11
0.4
V
ISINK = 2 mA
Short-Circuit Current2
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com