Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 12 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 11 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT LEAKAGE CURRENT
Logic 1
80
µA
VINH = 3.6 V
Internal Pull-Up Disabled
−22
+6
+22
nA
Logic 0
80
µA
VINH = 0 V
Internal Pull-Up Disabled
−22
+6
+22
nA
Pull-Up
30
40
72
kΩ
If not disabled, disabled at reset;
pull-up can be described as an
80 µA (typical) current source
CRYSTAL INPUTS XCLKI AND XCLKO
(16 MHz)
Logic Inputs, XCLKI Only
Input Low Voltage (VINL)
1.1
V
Input High Voltage (VINH)
1.7
V
XCLKI Input Capacitance
8
pF
XCLKO Output Capacitance
8
pF
MICROCONTROLLER UNIT CLOCK RATE
Using PLL Output2
0.05
80
MHz
PROCESSOR START-UP TIME
At Power-On2
38
50
ms
Includes kernel power-on
execution time
After Reset Event
1.44
ms
Includes kernel power-on
execution time
After Processor Power Down
Mode 1, Mode 2, or Mode 3
3 to 5
fCLK
POWER REQUIREMENTS
Power Supply Voltage Range
AVDD
2.9
3.3
3.6
V
Measured between AVDDx and
AGND
IOVDD
2.9
3.3
3.6
V
Measured between IOVDDxand
AGND
Analog Power Supply Currents
AVDD Current
6.5
7.2
mA
ADC, VDACs, IDACs off
Digital Power Supply Current
Current in Normal Mode
DVDD
29
32
mA
CLKCON1[2:0] = [000b]
IOVDD
2.7
5.1
mA
All GPIO pull-ups enabled
Additional Power Supply Currents
ADC2
3.1
3.6
mA
ADC continuously converting at
100 kSPS
ADC Input Buffer2
4.1
4.8
mA
Both buffers enabled
IDAC2
26.5
30
mA
DAC2
2.7
3.1
mA
Total for all VDACs driving
maximum allowed load with
DACxDAT = 0
VDAC2 and VDAC32
−1.7
mA
IDD when VDAC2 and VDAC3 are
driving maximum allowed load
with DACxDAT set to 0
VDAC6 and VDAC72
1
mA
IDD sourced from the VDACVDD
supply when VDAC6 and VDAC7
are driving the maximum allowed
load with DACxDAT set to 0
1
Reduced temperature range of − 10°C to + 85°C.
2
These numbers are not production tested but are guaranteed by design or characterization data at production release.
3
The input current is the total input current including the input pad and mux leakage plus the charge current for the full input circuit. The input current relates to the
ADC sampling frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com