Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 18 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 17 of 27
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
AVDD to AGNDx
AVNEG to AGNDx
VDACVDD to AGNDx
IOVDDx to DGNDx
Digital Input Voltage to DGNDx
Digital Output Voltage to DGNDx
Analog Inputs to AGNDx
Total Positive GPIO Pins Current
Total Negative GPIO Pins Current
IDAC3 Pull-Down Voltage
IDAC3 Pull-Down Current
Operating Temperature Range
Storage Temperature Range
Junction Temperature
−0.3 V to +3.96 V
−5.5 V to +0.3 V
−0.3 V to +5.5 V
−0.3 V to +3.96 V
−0.3 V to IOVDDx + 0.3 V
−0.3 V to IOVDDx + 0.3 V
−0.3 V to AVDD + 0.3 V
0 mA to 30 mA
−30 mA to 0 mA
AVNEG − 0.3 V
−100 mA
−40°C to +85°C
−65°C to +150°C
150°C
ESD Rating, All Pins
Human Body Model (HBM)
1 kV
Field-Induced Charged Device
Model (FICDM)
1.25 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
112-Ball CSP_BGA
44.5
11
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com