Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 25 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices ADUCM310 Datasheet HTML 26Page - Analog Devices ADUCM310 Datasheet HTML 27Page - Analog Devices ADUCM310 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADuCM310
Data Sheet
Rev. B Page 24 of 27
160
140
120
100
80
60
40
20
0
5
21
7
9
11
13
15
17
19
IDAC OUTPUT CURRENT (mA)
+115°C
+85°C
+25°C
–40°C
Figure 20. Typical IDAC5 PVDD_IDAC5 Pin Voltage Headroom vs.
Output Current for Different Temperatures, PVDD = 1.8 V
90
0
10
20
30
40
50
60
70
80
1.30
1.45
1.50
1.60
1.80
2.00
2.50
EXT VREF (V)
20
80
46.2
61.9
77.2
77.6
78.2
Figure 21. ADC SNR vs. External Reference Voltage (EXT VREF)
3.0
0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
LOAD CURRENT (mA)
VOH MAX
VOH MIN
VOL MAX
VOL MIN
Figure 22. Typical Output Voltage vs. Load Current
TIME (Not to Scale)
3.60
50ms min
DVDD MUST BE ABOVE 2.9V
FOR AT LEAST 50ms TO
COMPLETE POR
AFTER 50ms DVDD MUST
STAY ABOVE 2.85V INCLUDING
NOISE EXCURSIONS
2.90
2.85
Figure 23. DVDD Power-On Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com