Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 9 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VDAC0 and VDAC1
±0.5
%
With 75 Ω load, over full
temperature range
VDAC7
±0.5
%
With 100 Ω load, over full
temperature range
Gain Mismatch Error
0.1
%
VDAC0 relative to VDAC1
0.2
%
VDAC2 relative to VDAC3
0.1
%
VDAC4 relative to VDAC5
0.35
%
VDAC6 relative to VDAC7; both
driving a 500 Ω load
Offset Error Drift
Calculated
VDAC0, VDAC1, VDAC4, and
VDAC5
±5
µV/°C
VDAC2, VDAC3, VDAC6, and
VDAC7
±25
µV/°C
Actual
Measured at Code 0
VDAC0, VDAC1, VDAC4, and
VDAC5
±13
µV/°C
VDAC2, VDAC3, VDAC6, and
VDAC7
±75
µV/°C
Gain Error Drift
Excluding internal reference drift
VDAC0, VDAC1, VDAC4, and
VDAC5
5
ppm/°C
VDAC2, VDAC3, VDAC6, and
VDAC7
10
ppm/°C
Output Impedance
VDAC0, VDAC1, VDAC4,
VDAC5, VDAC6, and VDAC7
1
Ω
VDAC2 and VDAC3
1.5
Ω
Short-Circuit Current
Measured with VDAC shorted to
ground and to associated power
supply
VDAC0 and VDAC1
±200
mA
VDAC2 and VDAC3
±170
mA
VDAC4 and VDAC5
±200
mA
VDAC6 and VDAC7
±200
mA
VDAC Outputs
Capacitive load up to 0.01 µF
Output Impedance
VDAC0, VDAC1, and VDAC4
to VDAC7
1.8
Ω
VDAC2 and VDAC3
1.2
Ω
Output Range
Buffer on
VDAC0 and VDAC1
0 + Actual
Offset1
AVDD –
600 mV
V
RL = 75 Ω, 40 mA maximum, VOUT
maximum = 3 V
VDAC2 and VDAC3
AVNEG +
250 mV
−0.15
V
RL = 500 Ω, 10 mA maximum, VOUT
maximum = −5 V, gain = −2.25 V
VDAC4 and VDAC5
0 + Actual
Offset1
AVDD –
300 mV
V
RL = 300 Ω, 10 mA maximum, VOUT
maximum = 3 V
VDAC6
0 + Actual
Offset1
VDACVDD −
250 mV
V
RL = 500 Ω, 10 mA maximum, VOUT
maximum = 5 V
VDAC7
0 + Actual
Offset1
VDACVDD −
700 mV
V
RL = 100 Ω, 50 mA maximum, VOUT
maximum = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com