Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADuCM310
Data Sheet
Rev. B Page 20 of 27
Pin No.
Mnemonic
Type1
Description
J3
P3.1/PLAI[13]
I/O
General-Purpose Input and Output Port 3.1/Input to PLA Element 13. This
pin defaults as an input with the internal pull-up disabled.
D3
P3.2/PLAI[14]
I/O
General-Purpose Input and Output Port 3.2/Input to PLA Element 14. This
pin defaults as an input with the internal pull-up disabled.
J1
P3.4/PLAO[26]
I/O
General-Purpose Input and Output Port 3.4/Output of PLA Element 26. This
pin defaults as an input with the internal pull-up disabled.
E10
SWCLK
I
Serial Wire Debug Clock Input Pin.
E9
SWDIO
I/O
Serial Wire Debug Data Input/Output Input Pin.
G11
VREF_1.2
AO
1.2 V Reference Output. This pin cannot be used to source current
externally. Connect this pin to AGND via a 470 nF capacitor.
D11
IREF
AI
This pin generates the reference current for the IDACs. Connect this pin to
analog ground via a 5 ppm, 3.16 kΩ external resistor (REXT).
J6
AIN0
AI
Single-Ended or Differential Analog Input 0.
H7
AIN1
AI
Single-Ended or Differential Analog Input 1.
J7
AIN2
AI
Single-Ended or Differential Analog Input 2.
K7
AIN3
AI
Single-Ended or Differential Analog Input 3.
G8
AIN4
AI
Single-Ended or Differential Analog Input 4. This is also the input for the
digital comparator.
H8
AIN5
AI
Single-Ended or Differential Analog Input 5.
J8
AIN6
AI
Single-Ended or Differential Analog Input 6.
K8
AIN7
AI
Single-Ended or Differential Analog Input 7.
L8
AIN8
AI
Single-Ended or Differential Analog Input 8.
L9
AIN9
AI
Single-Ended or Differential Analog Input 9.
L4
VDAC0
AO
12-Bit VDAC Output 0, 0 V to 3 V Range.
K4
VDAC1
AO
12-Bit VDAC Output 1, 0 V to 3 V Range.
J9
VDAC2
AO
12-Bit VDAC Output 2, −5 V to 0 V Range.
K9
VDAC3
AO
12-Bit VDAC Output 3, −5 V to 0 V Range.
J4
VDAC4
AO
12-Bit VDAC Output 4, 0 V to 3 V Range.
H5
VDAC5
AO
12-Bit VDAC Output 5, 0 V to 3 V Range.
H9
VDAC6
AO
12-Bit VDAC Output 6, 0 V to 5 V Range.
H10
VDAC7
AO
12-Bit VDAC Output 7, 0 V to 5 V Range.
A2
IDAC0
AO
IDAC0 (100 mA).
A3
PVDD_IDAC0
S
Power for IDAC0.
B2
CDAMP_IDAC0
AI
Damping Capacitor Pin for IDAC0. Connect this pin to the PVDD supply.
A10
IDAC1
AO
IDAC1 (100 mA).
A9
PVDD_IDAC1
S
Power for IDAC1.
B10
CDAMP_IDAC1
AI
Damping capacitor pin for IDAC1. Connect this pin to the PVDD supply.
B11
IDAC5
AO
IDAC5 (20 mA).
C11
PVDD_IDAC5
S
Power for IDAC5.
C10
CDAMP_IDAC5
AI
Damping capacitor pin for IDAC5. Connect this pin to the PVDD supply.
B1
IDAC4
AO
IDAC4 (20 mA).
C1
PVDD_IDAC4
S
Power for IDAC4.
C2
CDAMP_IDAC4
AI
Damping capacitor pin for IDAC4. Connect this pin to the PVDD supply.
A4, B4
IDAC2
AO
IDAC2 (200 mA).
A5, B5
PVDD_IDAC2
S
Power for IDAC2.
B3
CDAMP_IDAC2
AI
Damping Capacitor for IDAC2. Connect this pin to the PVDD supply.
A6, B6
IDAC3
AO
IDAC3 (250 mA).
A8, B8
PVDD_IDAC3
S
Power for IDAC3.
B9
CDAMP_IDAC3
AI
Damping Capacitor Pin for IDAC3. Connect this pin to the PVDD supply.
A7, B7
PGND
S
Power Supply Ground of the IDACs.
K5, G9,
L6, J11,
H4, L7
AGND1, AGND2, AGND3, AGND4,
AGND5, AGND6
S
Analog Ground Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com