Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 4Page - Analog Devices ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 7 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Full-Scale Output
IDAC0 and IDAC1
100
mA
IDAC4 and IDAC5
20
mA
IDAC2
200
mA
IDAC3
250
mA
Current source
−90
Current sink
−801
Current sink
Integral Nonlinearity
−3
±1.5
+4
LSB
11-bit
−2.51
±1.5
+4
LSB
11-bit
Noise Current
RMS noise; maximum bandwidth
setting, IDACxCON[5:2] = 0000b
IDAC0 and IDAC1
1.5
µA
Measured driving 10 Ω
IDAC4 and IDAC5
0.3
µA
Measured driving 100 Ω
IDAC2
4
µA
Measured driving 5 Ω
IDAC3
5
µA
Measured driving 5 Ω
Full-Scale Error
IDAC0 and IDAC1
−2.31
±
0.25
+11
%
−3.0
±
0.25
+1.3
%
IDAC4 and IDAC 5
−0.71
±
0.25
±
0.7
%
−1
±
0.25
+
0.7
%
IDAC2
−1.751
±
0.25
±
0.65
%
−1.77
±
0.25
%
IDAC3
−21
±
0.25
±
1.41
%
−2.4
±
0.25
+
1.6
%
Full-Scale Error Drift vs. Temperature
Including internal reference drift
and 5 ppm external resistor
IDAC4 and IDAC5
−401
−12
+301
ppm/°C
−58
−12
+58
ppm/°C
IDAC2 and IDAC3
+55
ppm/°C
Full temperature range
IDAC2 and IDAC3
+40
ppm/°C
Reduced 25°C to 85°C range
IDAC0 and IDAC1
−1451
+551
+1451
ppm/°C
−205
+90
+205
ppm/°C
Full temperature range
IDAC0 and IDAC1
−100
+40
+100
ppm/°C
Reduced 25°C to 85°C range
Full-Scale Error Drift vs. Time8
Long-term stability
IDAC0
200
µA/
1000 hours
IDAC1
450
µA/
1000 hours
IDAC2
500
µA/
1000 hours
IDAC3
2250
µA/
1000 hours
IDAC4 and IDAC5
40
µA/
1000 hours
Zero-Scale Error
Pull-down current off
IDAC0 and IDAC1
−1201
+751
µA
−180
+115
µA
Pull-Down Current
−135
−115
−100
µA
Increased −45°C to +85°C range
IDAC4 and IDAC5
−251
+15
µA
−31
+15
µA
Pull-Down Current
−30
−24
−22
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com