Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 22 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices ADUCM310 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 21 of 27
Pin No.
Mnemonic
Type1
Description
J5
DVDD
S
Digital Supply Pin. This pin is the supply for the 16 MHz oscillator, PLL,
POR, and digital core, including the flash that requires a regulated 1.8 V
supply and a 3 V supply.
F9
VDACVDD
S
5 V Analog Supply Pin.
L5, H11
AVDD3, AVDD4
S
Analog Supply Pin (3.3 V).
K3
DVDD_REG1
S
Output of 2.5 V on Chip Low Dropout (LDO) Regulator. Connect a 470 nF
capacitor to this pin and DGND. This regulator supplies the inter-die digital
interface.
L3
DVDD_REG2
S
Output of 1.8 V on chip LDO regulator. Connect a 470 nF capacitor to this
pin and DGND. This regulator supplies flash and the Cortex-M3 processor.
F10
AVDD_REG1
S
Output of 2.5 V on chip LDO regulator. Connect a 470 nF capacitor to this
pin and DGND. This regulator supplies the ADC.
G10
AVDD_REG2
S
Output of 2.5 V on chip LDO regulator. Connect a 470 nF capacitor to this
pin and DGND. This regulator supplies the IDACs.
K6
AVNEG
S
−5 V Supply Pin.
E1
IOVDD1
S
3.3 V GPIO Supply Pin.
L2, D10
DGND1, DGND2
S
Digital Ground Pins.
E11, K1
IOVDD2, IOVDD3
S
3.3 V GPIO Supply Pins.
F1, F11,
L1
IOGND1, IOGND2, IOGND3
S
GPIO Ground Pins.
J2
XTALO
DO
Output from the Crystal Oscillator Inverter. If an external crystal is not
used, leave this pin unconnected.
K2
XTALI
DI
Input to the Crystal Oscillator Inverter and Input to the Internal Clock
Generator Circuits. If an external crystal is not used, connect this pin to
the DGND system ground.
J10
BUF_VREF2.5A
AO
Buffered 2.5 V Bias, Maximum Load = 1.2 mA. Connect this pin to AGND
via a 100 nF capacitor.
K11
BUF_VREF2.5B
AO
Buffered 2.5 V Bias, Maximum Load = 1.2 mA. Connect this pin to AGND
via a 100 nF capacitor.
K10, L10
ADC_CAPN
S
Decoupling Capacitor Connection for ADC Reference Buffer. Connect this
pin to AGND.
L11
ADC_CAPP
S
Decoupling Capacitor Connection for ADC Reference Buffer. Connect this
pin to a 4.7 µF capacitor and connect the other side of the capacitor to
the AGND and the ADC_CAPN pins.
A1, A11,
D1, F4,
F8, D6,
H6
RESERVED
Reserved. Do not connect to this pin.
1
I is input, I/O is input/output, AO is analog output, AI is analog input, S is supply, DO is digital output, and DI is digital input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com