Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADuCM310
Data Sheet
Rev. B Page 12 of 27
4
The internal reference calibration and trimming are performed when the processor operates in normal mode with CD = 0, when ADC is enabled and converting, when
IDACs are all on, and when VDACs are on. VREF accuracy can vary under other operating conditions.
5
Measured using the following box method:
(
)
(
)
(
)
6
1
2.5
×
−
×
−
Minimum
e
Temperatur
Maximum
e
Temperatur
e
Temperatur
Any
at
Minimum
V
e
Temperatur
Any
at
Maximum
V
REF
REF
6
VDAC linearity specifications are calculated with following ranges:
VDAC0 and VDAC1 = +150 mV to +2.699 V
VDAC2 and VDAC3: −150 mV to −4.22 V
VDAC4 and VDAC5: +150 mV to +2.98 V
VDAC6: +150 mV to +4.747 V
VDAC7: +150 mV to +4.297 V
7
Analog Devices, Inc., production IDAC full-scale trimming conditions include PVDD_IDACx pin voltage = 0.7 V, all IDACs on.
8
The long-term stability specifications is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.
9
For all VDAC specifications for VDAC0, VDAC1, VDAC4, and VDAC5, DACxCON[10:9] = 11.
10
VDACx minimum and maximum limits apply to the internal reference only (DACxCON[1:0] = 00b). AVDDx supply valid only with typical specifications.
11
The average current from the GPIO pins must not exceed 3 mA per pin. See Figure 22.
TIMING SPECIFICATIONS
I2C Timing
Table 2. I2C Timing in Standard Mode (100 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
tL
SCLx low pulse width
4.7
µs
tH
SCLx high pulse width
4.0
ns
tSHD
Start condition hold time
4.0
µs
tDSU
Data setup time
250
ns
tDHD
Data hold time (SDAx held internally for 300 ns after falling edge of SCLx)
0
3.45
µs
tRSU
Setup time for repeated start
4.7
µs
tPSU
Stop condition setup time
4.0
µs
tBUF
Bus free time between a stop condition and a start condition
4.7
µs
tR
Rise time for both SCLx and SDAx
1
µs
tF
Fall time for both SCLx and SDAx
15
300
ns
tVD;DAT
Data valid time
3.45
µs
tVD;ACK
Data valid acknowledge time
3.45
µs
Table 3. I2C Timing in Fast Mode (400 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
tL
SCLx low pulse width
1.3
µs
tH
SCLx high pulse width
0.6
ns
tSHD
Start condition hold time
0.3
µs
tDSU
Data setup time
100
ns
tDHD
Data hold time (SDAx held internally for 300 ns after falling edge of SCLx)
0
µs
tRSU
Setup time for repeated start
0.6
µs
tPSU
Stop condition setup time
0. 3
µs
tBUF
Bus free time between a stop condition and a start condition
1.3
µs
tR
Rise time for both SCLx and SDAx
20
300
ns
tF
Fall time for both SCLx and SDAx
15
300
ns
tVD;DAT
Data valid time
0.9
µs
tVD;ACK
Data valid acknowledge time
0.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com