Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADuCM310
Data Sheet
Rev. B Page 8 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
IDAC2 and IDAC3
−3501
+2801
µA
−460
+300
µA
Pull-Down Current for IDAC2
−300
−288
−160
µA
Zero-Scale Error Drift2
IDAC0 and IDAC1
−8501
±300
+12001
nA/°C
−1400
±300
+1400
nA/°C
IDAC4 and IDAC5
−120
±50
+2051
nA/°C
−120
±50
+230
nA/°C
IDAC2 and IDAC3
±1
µA/°C
Settling Time
IDAC0, IDAC1, IDAC2, and IDAC3
1
ms
To 0.1%, IDACxCON[5:2] = 0101b,
±1 mA change in output current
IDAC4 and IDAC5
2
ms
IDAC0, IDAC1, IDAC2, and IDAC3
250
µs
To 1%, IDACxCON[5:2] = 0101b,
±1 mA change in output current
IDAC4 and IDAC5
1.2
ms
IDAC0, IDAC1, IDAC2, and IDAC3
50
µs
To 1%, IDACxCON[5:2] = 0000b,
±1 mA change in output current
IDAC4 and IDAC5
1.1
ms
IDAC3 Switching Time2
1
µs
Time to switch from current source
to current sink
Transconductance
Analog input signal coupled on to
CDAMP_IDACx pin via 1 nF capacitor;
frequency range = 100 kHz to
1000 kHz; voltage is the peak to
peak voltage on the CDAMP_IDACx
pin of the associated IDAC; current
is peak-to-peak current change
IDAC0 and IDAC1
7.99/100
mA/mV
IDAC2
12.6/100
mA/mV
IDAC3
18.6/100
mA/mV
IDAC4 and IDAC5
1.16/100
mA/mV
IDAC Shutdown Temperature
125
°C
Die temperature; enabled via
IDACxCON[6]
VDAC CHANNEL SPECIFICATIONS6, 9, 10
DC Accuracy
Resolution
12
Bits
Relative Accuracy
VDAC0, VDAC1, and VDAC2
−6.3
±1
+10
LSB
VDAC4 and VDAC5
−7.3
±2
+11
LSB
VDAC3, VDAC6, and VDAC7
−7
±2
+8.5
LSB
Differential Nonlinearity
−0.99
±0.6
+1
LSB
Guaranteed monotonic
Offset Error
Calculated
±5
mV
2.5 V internal reference
Actual
Measured at Code 0
VDAC0, VDAC1, VDAC4, and
VDAC5
4
7
mV
VDAC6 and VDAC7
15
22
mV
VDAC2 and VDAC3
−30
−20
mV
Full-Scale Error
±0.71
% of full scale
For VDAC2, VDAC3, VDAC4, VDAC5,
and VDAC6
±0.9
% of full scale
For VDAC2, VDAC3, VDAC4, VDAC5,
and VDAC6
VDAC0, VDAC1, and VDAC72
±0.71
%
With 500 Ω load
±0.9
%
With 500 Ω load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com