Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 53Page - ATMEL Corporation ATPL230A Datasheet HTML 54Page - ATMEL Corporation ATPL230A Datasheet HTML 55Page - ATMEL Corporation ATPL230A Datasheet HTML 56Page - ATMEL Corporation ATPL230A Datasheet HTML 57Page - ATMEL Corporation ATPL230A Datasheet HTML 58Page - ATMEL Corporation ATPL230A Datasheet HTML 59Page - ATMEL Corporation ATPL230A Datasheet HTML 60Page - ATMEL Corporation ATPL230A Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
57
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
9.3.1.2 Channel selector Register
Name:
CTPS
Address:
0xFEFA (MSB) – 0xFEFD (LSB)
Access:
Read/Write
Reset:
0x000150C7
Configures the channel:
31
30
29
28
27
26
25
24
-------
CTPS (24)
23
22
21
20
19
18
17
16
CTPS(23:16)
15
14
13
12
11
10
9
8
CTPS(15:8)
76543210
CTPS(7:0)
Value
Name
Description
0x000150C7
CHANNEL1
42 - 89 kHz
0x00026A44
CHANNEL2
97 - 144 kHz
0x000383C1
CHANNEL3
151 - 198 kHz
0x00049D3D
CHANNEL4
206 - 253 kHz
0x0005B6BA
CHANNEL5
261 - 308 kHz
0x0006D036
CHANNEL6
315 - 362 kHz
0x0007E9B3
CHANNEL7
370 - 417 kHz
0x00090330
CHANNEL8
425 - 472 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com