Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 33Page - ATMEL Corporation ATPL230A Datasheet HTML 34Page - ATMEL Corporation ATPL230A Datasheet HTML 35Page - ATMEL Corporation ATPL230A Datasheet HTML 36Page - ATMEL Corporation ATPL230A Datasheet HTML 37Page - ATMEL Corporation ATPL230A Datasheet HTML 38Page - ATMEL Corporation ATPL230A Datasheet HTML 39Page - ATMEL Corporation ATPL230A Datasheet HTML 40Page - ATMEL Corporation ATPL230A Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
37
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
8.3.1.11 Peripheral CRC Configuration Register
Name:
VCRC_CONF
Address:
0xFF16
Access:
Read/Write
Reset:
0xC3
This is an 8 bits register used to configure different CRC´s and LFSR´s. This register contains the following control
bits:
• FB_TYPE:
Configures desired circuit feedback type
‘0’: Select circuit feedback type as below.
‘1’: Select circuit feedback type as below.
• MSBF:
Allows to choose byte calculation mode
‘0’: Select the least significant bit (LSB) first to start calculations.
‘1’: Select the most significant bit (MSB) first to start calculations.
• MIRRORED8:
Allows to flip (turn over) the desired CRC size (bytes) in the 32-bit VCRC_CRC register configured by WIDTH1
and WIDTH0 bits.
‘0’: No flipping is performed and the 32-bit VCRC_CRC register will remain unalterable as below.
‘1’: Flip the desired CRC size (bytes) in the 32-bit VCRC_CRC register configured by the control bits WIDTH1
and WIDTH0. For example, if control bits WIDTH1 and WIDTH0 are both set to ‘1’ (CRC size = 4, see link
table), it will flip the four blocks of bytes in the register. In another case when CRC size = 3 (WIDTH1=’1’ and
WIDTH0=’0’), it will flip the first three blocks of bytes (beginning from less significant byte) in the register
ignoring the last byte.
7
6
5
4
3210
FB_TYPE
MSBF
MIRRORED32
MIRRORED8
CIN
COUT
WIDTH1
WIDTH0
4
<
<
<
<
<
3
2
1
0
+
+
+
Input
X^5
X^4
X^3
X^2
X^1
X^0
4
<
<
<
<
<
3
2
1
0
+
+
Input
X^5
X^4
X^3
X^2
X^1
X^0
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com