Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 4 Page - ATMEL Corporation

  ATPL230A Datasheet HTML 1Page - ATMEL Corporation ATPL230A Datasheet HTML 2Page - ATMEL Corporation ATPL230A Datasheet HTML 3Page - ATMEL Corporation ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
4
3.
Signal Description
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments
Power Supplies
VDDIO
3.3V digital supply. Digital power supply must
be decoupled by external capacitors
Power
3.0V to 3.6V
VDDIN
3.3V Digital LDO input supply
Power
3.0V to 3.6V
VDDIN AN
3.3V Analog LDO input supply
Power
3.0V to 3.6V
VDDOUT AN
1.2V Analog LDO output. A capacitor in the
range 0.1μF - 10μF must be connected to
each pin
Power
1.2V
VDDOUT
1.2V Digital LDO output. A capacitor in the
range 0.1μF - 10μF must be connected to
each pin
Power
1.2V
VDDPLL
1.2V PLL supply. It must be decoupled by a
100nF external capacitor, and connected to
VDDOUT through a filter (Cut off frequency:
25kHz)
Power
1.2V
GND(1)
Digital Ground
Power
AGND(1)
Analog Ground
Power
Clocks, Oscillators and PLLs
CLKEA(2)
External Clock Oscillator
• CLKEA must be connected to one terminal
of a crystal (when a crystal is being used) or
used as input for external clock signal
Input
VDDIO
CLKEB(2)
External Clock Oscillator
• CLKEB must be connected to one terminal
of a crystal (when a crystal is being used) or
must be floating when an external clock
signal is connected through CLKEA
I/O
VDDIO
CLKOUT
10MHz External Clock Output
Output
VDDIO
Reset/Test
ARST
Asynchronous Reset
Input
Low
VDDIO
Internal pull up(3)
SRST
Synchronous Reset
Input
Low
VDDIO
Internal pull up(3)
PLL INIT
PLL Initialization Signal
Input
Low
VDDIO
Internal pull up(3)
PPLC (PRIME Power Line Communications) Transceiver
EMIT [0:11](4)
PLC Tri-state Transmission ports
Output
VDDIO
AGC [0:5]
Automatic Gain Control:
• These digital tri-state outputs are managed
by AGC hardware logic to drive external
circuitry when input signal attenuation is
needed
Output
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com