Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 10Page - ATMEL Corporation ATPL230A Datasheet HTML 11Page - ATMEL Corporation ATPL230A Datasheet HTML 12Page - ATMEL Corporation ATPL230A Datasheet HTML 13Page - ATMEL Corporation ATPL230A Datasheet HTML 14Page - ATMEL Corporation ATPL230A Datasheet HTML 15Page - ATMEL Corporation ATPL230A Datasheet HTML 16Page - ATMEL Corporation ATPL230A Datasheet HTML 17Page - ATMEL Corporation ATPL230A Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
14
Following the dummy byte, n data bytes (where n ≥ 1) are sent/received:
If the operation code corresponds to a write operation in memory, the first data byte will be written in the
specified address. If more data bytes are sent, they will be written in subsequent memory positions.
If the operation code corresponds to a read operation from memory, the ATPL230A will output the data byte in
MISO line. If the master continues sending SCK cycles, subsequent memory positions will be written in MISO
line by the slave.
If the operation code corresponds to a mask operation (AND, OR, XOR), the master will send the byte mask
that have to be applied to the byte located at the specified address memory. If the master continues sending
bytes, they will be applied as masks to the bytes stored in subsequent memory positions.
If the operation code corresponds to a write_rep operation in memory, the dummy byte is changed by a number
between 0x00 and 0xFF, called OFFSET_ADDRESS. Data bytes will be written from ADDRESS to
ADDRESS+OFFSET_ADDRESS. For example, if OFFSET_ADDRESS = 0x04, the five first data bytes will be
written between ADDRESS and ADDRESS+4, and then, the sixth data byte, will be written in ADDRESS, the
seventh in ADDRESS+1, and so on. It is used to fill the some memories in PHY Layer (Chirp, Angle and IIR).
Bytes will be always sent with the most significant bit first.
Figure 6-3.
SPI Frame Example
A15
A10
A11
A12
A13
A14
A1 A0
...
...
op7
op0
op1
op2
op3
op4
op5
op6
DUM 7
DUM 0
D7
D0
D1
D2
D3
D4
D5
D6
SPI_CLK
OPCODE (7:0)
MOSI
DUMMY BYTE
ADDRESS (15:0)
1st DATA BYTE
2nd DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com