Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 67Page - ATMEL Corporation ATPL230A Datasheet HTML 68Page - ATMEL Corporation ATPL230A Datasheet HTML 69Page - ATMEL Corporation ATPL230A Datasheet HTML 70Page - ATMEL Corporation ATPL230A Datasheet HTML 71Page - ATMEL Corporation ATPL230A Datasheet HTML 72Page - ATMEL Corporation ATPL230A Datasheet HTML 73Page - ATMEL Corporation ATPL230A Datasheet HTML 74Page - ATMEL Corporation ATPL230A Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
71
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
9.3.3.7 Header EVM Registers
Name:
TXRXBUF_EVM_HD_RX0
Address:
0xFDA3 - 0xFDA4
Access:
Read-only
Reset:
0x0000
This register stores the maximum EVM (Error Vector Magnitude) measured in the reception of the last message
header in BUF_RX0. The 7 msb, TXRXBUF_EVM_HD_RX0 (15:9), represent the integer part in %, being the
TXRXBUF_EVM_HD_RX0 (8:0) bits the fractional part if more precision were required.
This register is used by the physical layer for being in accordance with PRIME specification.
Name:
TXRXBUF_EVM_HD_RX1
Address:
0xFDA5 - 0xFDA6
Access:
Read-only
Reset:
0x0000
This register stores the maximum EVM (Error Vector Magnitude) measured in the reception of the last message
header in BUF_RX1. The 7 msb, TXRXBUF_EVM_HD_RX1 (15:9), represent the integer part in %, being the
TXRXBUF_EVM_HD_RX1 (8:0) bits the fractional part if more precision were required.
This register is used by the physical layer for being in accordance with PRIME specification.
Name:
TXRXBUF_EVM_HD_RX2
Address:
0xFDA7 - 0xFDA8
Access:
Read-only
Reset:
0x0000
This register stores the maximum EVM (Error Vector Magnitude) measured in the reception of the last message
header in BUF_RX2. The 7 msb, TXRXBUF_EVM_HD_RX2 (15:9), represent the integer part in %, being the
TXRXBUF_EVM_HD_RX2 (8:0) bits the fractional part if more precision were required.
This register is used by the physical layer for being in accordance with PRIME specification.
15
14
13
12
11
10
9
8
TXRXBUF_EVM_HD_RX0 (15:8)
76543210
TXRXBUF_EVM_HD_RX0 (7:0)
15
14
13
12
11
10
9
8
TXRXBUF_EVM_HD_RX1 (15:8)
76543210
TXRXBUF_EVM_HD_RX1 (7:0)
15
14
13
12
11
10
9
8
TXRXBUF_EVM_HD_RX2 (15:8)
76543210
TXRXBUF_EVM_HD_RX2 (7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com