Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 5 Page - ATMEL Corporation

  ATPL230A Datasheet HTML 1Page - ATMEL Corporation ATPL230A Datasheet HTML 2Page - ATMEL Corporation ATPL230A Datasheet HTML 3Page - ATMEL Corporation ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
5
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
Notes: 1. Separate pins are provided for GND and AGND grounds. Layout considerations should be taken into account to
reduce interference. Ground pins should be connected as shortly as possible to the system ground plane. For
more details about EMC Considerations, please refer to AVR040 application note.
2. The crystal should be located as close as possible to CLKEA and CLKEB pins. See Table 10-7 on page 112.
3. See Table 10-5 on page 109.
4. Different configurations allowed depending on external topology and net behavior.
5. Depending on whether an isolated or a non-isolated power supply is being used, isolation of this pin should be
taken into account in the circuitry design. Please refer to the Reference Design for further information.
TXRX0
Analog Front-End Transmission/Reception for
TXDRV0
• This digital output is used to modify
external
coupling
behavior
in
Transmission/Reception.
The
suitable
value depends on the external circuitry
configuration. The polarity of this pin can be
inverted by software.
Output
VDDIO
TXRX1
Analog Front-End Transmission/Reception for
TXDRV1
• This digital output is used to modify
external
coupling
behavior
in
Transmission/Reception.
The
suitable
value depends on the external circuitry
configuration. The polarity of this pin can be
inverted by software.
Output
VDDIO
VZ CROSS(5)
Mains Zero-Cross Detection Signal:
• This input detects the zero-crossing of the
mains voltage
Input
VDDIO
Internal pull down(3)
VIMA
Negative Differential Voltage Input
Input
VDDOUT AN
VIPA
Positive Differential Voltage Input
Input
VDDOUT AN
VRP
Internal Reference “Plus” Voltage. Connect an
external decoupling capacitor between VRP
and VRM (1nF - 100nF)
Output
VDDOUT AN
VRM
Internal Reference “Minus” Voltage. Connect
an external decoupling capacitor between
VRP and VRM (1nF - 100nF)
Output
VDDOUT AN
VRC
Common-mode Voltage. Bypass to analog
ground with an external decoupling capacitor
(100pF - 1nF)
Output
VDDOUT AN
Serial Peripheral Interface - SPI
CS
SPI CS
• SPI bridge Slave Select
Input
Low
VDDIO
Internal pull up(3)
SCK
SPI SCK
• SPI bridge Clock signal
Input
VDDIO
Internal pull up(3)
MOSI
SPI MOSI
• SPI bridge Master Out Slave In
Input
VDDIO
Internal pull up(3)
MISO
SPI MISO
• SPI bridge Master In Slave Out
Output
VDDIO
EINT
PHY Layer External Interrupt
Output
Low
VDDIO
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com