Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation ATPL230A Datasheet HTML 10Page - ATMEL Corporation ATPL230A Datasheet HTML 11Page - ATMEL Corporation ATPL230A Datasheet HTML 12Page - ATMEL Corporation ATPL230A Datasheet HTML 13Page - ATMEL Corporation ATPL230A Datasheet HTML 14Page - ATMEL Corporation ATPL230A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
11
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
For this circuit, Zero Cross Internal registers should be configured this way:
ZC_CONFIG.MODE_MUX = ‘0’
ZC_CONFIG.MODE_ASC = ‘0’
ZC_CONFIG.MODE_INV = ‘1’
ZC_CONFIG.MODE_REP = ‘0’
ZC_FILTER.ZC_FILTER_BP = ‘0’
Some situations (for example in some protocols needing to differentiate rising/falling edges in mains signal) could
require only ascent (or descent) mains signal zero-crossings to be detected. When we have to detect ascent or
descent Zero-Cross of the wave (finer line), the circuit should generate an input signal “VZ CROSS” (wider line) with
the same period, as specified in next figure. This could be easily implemented by using an unidirectional optocoupler
or a Zener diode topology in the external circuitry.
Figure 5-5.
Typical circuit, using a unidirectional optocoupler and a Schmitt trigger
The digital signal at output of Input Signal Management (ISM) is plotted in Figure 5-6.
Figure 5-6.
Digital signal (dashed line) at output of Input Signal Management (ISM) internal block
For this case, Zero Cross Internal registers should be configured this way:
ZC_CONFIG.MODE_MUX = ‘1’
ZC_CONFIG.MODE_ASC = ‘0’(ascent) or ‘1’(descent)
ZC_CONFIG.MODE_INV = ‘1’
ZC_CONFIG.MODE_REP = ‘1’
ZC_FILTER.ZC_FILTER_BP = ‘0’
See register description in Section 9.3.7.2 ”Zero Crossing Configuration Register” and Section 9.3.7.3 ”Zero Crossing
Filter Register”.
ZC signal provided
to VZ CROSS
Mains Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com