Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 42Page - ATMEL Corporation ATPL230A Datasheet HTML 43Page - ATMEL Corporation ATPL230A Datasheet HTML 44Page - ATMEL Corporation ATPL230A Datasheet HTML 45Page - ATMEL Corporation ATPL230A Datasheet HTML 46Page - ATMEL Corporation ATPL230A Datasheet HTML 47Page - ATMEL Corporation ATPL230A Datasheet HTML 48Page - ATMEL Corporation ATPL230A Datasheet HTML 49Page - ATMEL Corporation ATPL230A Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
46
arithmetic average of the accumulated errors in each one of the four replicated symbols. The value is cleared by
hardware each time a new message is received in BUF_RX3.
* Viterbi Soft Decision: in “soft” decision there are sixteen decision levels. Once decodified, a strong ‘0’ is represented
by a value of “0”, while a strong ‘1’ is represented by a value of “15”. The rest of values are intermediate, so “7” is used
to represent a weak ‘0’ and “8” represents a weak ‘1’. Soft decision calculates the error in one bit received as the
distance in decision levels between the value received (a value in the range 0 to 15) and the corrected one (0 or 15).
Figure 8-2.
Example of Viterbi Soft detection decision levels in a BPSK constellation
`1´
`0´
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
ro
ng
er
`1´
Stro
ng
e
Decision
Thresholds
Symbol
Threshold
Weak `0´
Weak `1´
Φ1
Φ0
Φex
Example:
Received value = 0
Decodified value = Φex
Error accumulated = +3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com