Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 3Page - ATMEL Corporation ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation ATPL230A Datasheet HTML 10Page - ATMEL Corporation ATPL230A Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
7
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
5.
Analog Front-End
5.1
PLC coupling circuitry description
Atmel PLC coupling reference designs have been designed to achieve high performance, low cost and simplicity.
With these values on mind, Atmel has developed a set of PLC couplings covering frequencies up to 472 kHz
compliant with different applicable regulations.
Atmel PLC technology is purely digital and does not require external DAC/ADC, thus simplifying the external required
circuitry. Generally Atmel PLC coupling reference designs make use of few passive components plus a Class D
amplification stage for transmission.
All PLC coupling reference designs are generally composed by the same sub-circuits:
Transmission Stage
Reception Stage
Filtering Stage
Coupling Stage
Figure 5-1.
PLC coupling block diagram
A particular reference design can contain more than one sub-circuit of the same kind (i.e.: two transmission stages).
5.1.1
Transmission Stage
The transmission stage adapts the EMIT signals and amplifies them if required. It can be composed by:
Driver: A group of resistors which adapt the EMIT signals to either control the Class-D amplifier or to be filtered
by the next stage.
Amplifier: If required, a Class-D amplifier which generates a square waveform from 0 to VDD is included.
Bias and protection: A couple of resistors and a couple of Schottky barrier diodes provide a DC component and
provide protection from received disturbances.
Transmission stage shall be always followed by a filtering stage.
AGC1
AGC0
AGC5
AGC4
AGC3
AGC2
VIPA
VRC
VIMA
EMIT0
EMIT5
EMIT4
EMIT3
EMIT2
EMIT1
TXRX0
TO MAINS
RECEPTION
STAGE
TRANSMISSION
STAGE
COUPLING STAGE
ATPL230A
VDD
FILTERING STAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com