Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 28Page - ATMEL Corporation ATPL230A Datasheet HTML 29Page - ATMEL Corporation ATPL230A Datasheet HTML 30Page - ATMEL Corporation ATPL230A Datasheet HTML 31Page - ATMEL Corporation ATPL230A Datasheet HTML 32Page - ATMEL Corporation ATPL230A Datasheet HTML 33Page - ATMEL Corporation ATPL230A Datasheet HTML 34Page - ATMEL Corporation ATPL230A Datasheet HTML 35Page - ATMEL Corporation ATPL230A Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
32
8.3.1.6 CRC PRIMEPLUS Configuration Register
Name:
PRIMEPLUS_CRC_CONFIG
Address:
0xFEF4
Access:
Read/Write
Reset:
0x14
PRIMEPLUS_CRC_CONFIG register allows the user to configure feedback type and width of the PRIME v1.4 mode
physical CRC computation algorithm.
• FB_TYPE:
‘0’: Computation procedure must end with extra bytes with value zero added to the data ones (User added).
‘1’: Extra bytes addition is not required.
• WIDTH (3:0):
Represents the grade of the polynomial used by the algorithm.
76543210
-
-
-
FB_TYPE
WIDTH
WIDTH (3:0)
Polynomial bits
08
19
210
311
412
513
614
715
>7
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com