Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 82Page - ATMEL Corporation ATPL230A Datasheet HTML 83Page - ATMEL Corporation ATPL230A Datasheet HTML 84Page - ATMEL Corporation ATPL230A Datasheet HTML 85Page - ATMEL Corporation ATPL230A Datasheet HTML 86Page - ATMEL Corporation ATPL230A Datasheet HTML 87Page - ATMEL Corporation ATPL230A Datasheet HTML 88Page - ATMEL Corporation ATPL230A Datasheet HTML 89Page - ATMEL Corporation ATPL230A Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
86
9.3.5.3 TX Pre-activation Time TxRx Registers
Name:
TXRXBUF_TXRX_TB_TX0
Address:
0xFD18 - 0xFD19
Access:
Read/Write
Reset:
0x0000
Pre-activation time TxRx of Buffer 0.
Name:
TXRXBUF_TXRX_TB_TX1
Address:
0xFD1A - 0xFD1B
Access:
Read/Write
Reset:
0x0000
Pre-activation time TxRx of Buffer 1.
Name:
TXRXBUF_TXRX_TB_TX2
Address:
0xFD1C - 0xFD1D
Access:
Read/Write
Reset:
0x0000
Pre-activation time TxRx of Buffer 2.
Name:
TXRXBUF_TXRX_TB_TX3
Address:
0xFD1E - 0xFD1F
Access:
Read/Write
Reset:
0x0000
Pre-activation time TxRx of Buffer 3.
The user can modify these registers to specify the period of time to set active (according to polarity) TXRX output
signals before a transmission starts. This parameter is useful to improve the external coupling transient response.
When automatic TxRx has been selected, in these registers must be set this time for the suitable buffer.
15
14
13
12
11
10
9
8
TXRXBUF_TXRX_TB_TX0 (15:8)
76543210
TXRXBUF_TXRX_TB_TX0 (7:0)
15
14
13
12
11
10
9
8
TXRXBUF_TXRX_TB_TX1 (15:8)
76543210
TXRXBUF_TXRX_TB_TX1 (7:0)
15
14
13
12
11
10
9
8
TXRXBUF_TXRX_TB_TX2 (15:8)
76543210
TXRXBUF_TXRX_TB_TX2 (7:0)
15
14
13
12
11
10
9
8
TXRXBUF_TXRX_TB_TX3 (15:8)
76543210
TXRXBUF_TXRX_TB_TX3 (7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com