Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 3 Page - Cypress Semiconductor

  S70GL02GS Datasheet HTML 1Page - Cypress Semiconductor S70GL02GS Datasheet HTML 2Page - Cypress Semiconductor S70GL02GS Datasheet HTML 3Page - Cypress Semiconductor S70GL02GS Datasheet HTML 4Page - Cypress Semiconductor S70GL02GS Datasheet HTML 5Page - Cypress Semiconductor S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 3 of 19
S70GL02GS
Contents
1.
Ordering Information .................................................... 4
1.1
Recommended Combinations ................................ 4
2.
Input/Output Descriptions and Logic Symbol............ 6
3.
Block Diagrams............................................................. 7
3.1
Special Handling Instructions for BGA Package .... 9
3.2
LSH064—64 ball Fortified Ball Grid Array,
13 x 11 mm........................................................... 10
4.
Memory Map ................................................................ 11
5.
Second Die Access ..................................................... 11
6.
Autoselect.................................................................... 11
7.
DC Characteristics...................................................... 12
8.
BGA Package Capacitance ........................................ 13
9.
Device ID and Common Flash Interface
(ID-CFI) ASO Map ........................................................ 13
10.
Document History ....................................................... 18
Sales, Solutions, and Legal Information ........................... 19
Worldwide Sales and Design Support ............................ 19
Products ......................................................................... 19
PSoC® Solutions ........................................................... 19
Cypress Developer Community ...................................... 19
Technical Support .......................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com