Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 1 Page - Cypress Semiconductor

  S70GL02GS Datasheet HTML 1Page - Cypress Semiconductor S70GL02GS Datasheet HTML 2Page - Cypress Semiconductor S70GL02GS Datasheet HTML 3Page - Cypress Semiconductor S70GL02GS Datasheet HTML 4Page - Cypress Semiconductor S70GL02GS Datasheet HTML 5Page - Cypress Semiconductor S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
S70GL02GS
2 Gbit (256 MBytes), 3.0 V Flash Memory
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-98296 Rev. *J
Revised August 09, 2017
General Description
The Cypress S70GL02GS 2-Gigabit MirrorBit
® Flash memory device is fabricated on 65 nm MirrorBit Eclipse process technology. This
device offers a fast page access time of 25 ns with a corresponding random access time of 110 ns. It features a Write Buffer that
allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting in faster effective programming time than
standard single byte/word programming algorithms. This makes the device an ideal product for today’s embedded applications that
require higher density, better performance and lower power consumption.
This document contains information for the S70GL02GS device, which is a dual die stack of two S29GL01GS die. For detailed
specifications, please refer to the discrete die datasheet.
Distinctive Characteristics
 CMOS 3.0 Volt Core with Versatile I/O™
 Two 1024 Megabit (S29GL01GS) in a single 64-ball
Fortified-BGA package (see S29GL01GS datasheet for full
specifications)
 65 nm MirrorBit Eclipse™ process technology
 Single supply (V
CC) for read / program / erase (2.7V to 3.6V)
 Versatile I/O Feature
– Wide I/O voltage (VIO): 1.65V to VCC
 x16 data bus
 16-word/32-byte page read buffer
 512-byte Programming Buffer
– Programming in Page multiples, up to a maximum of 512
bytes
 Sector Erase
– Uniform 128-Kbytes sectors
– S70GL02GS: two thousand forty-eight sectors
 Suspend and Resume commands for Program and Erase
operations
 Status Register, Data Polling, and Ready/Busy pin methods
to determine device status
 Advanced Sector Protection (ASP)
– Volatile and non-volatile protection methods for each
sector
 Separate 1024-bye One Time Program (OTP) array with two
lockable regions
– Available in each device Support for CFI (Common Flash
Interface)
 WP# input
– Protects first or last sector, or first and last sectors of each
device, regardless of sector protection settings
 Industrial temperature range (–40°C to +85°C)
 Automotive AEC-Q100 Grade 3 (–40°C to +85°C)
 Automotive AEC-Q100 Grade 2 (–40°C to +105°C)
 100,000 erase cycles per sector typical
 20-year data retention typical
 Packaging Options
– 64-ball LSH Fortified BGA, 13 mm
 11 mm
Document
Cypress Document Number
S29GL01GS Datasheet
001-98285


Similar Part No. - S70GL02GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S70GL02GS INFINEON-S70GL02GS Datasheet
305Kb / 24P
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
Rev. L 2023-08-11
S70GL02GS11FHA01X INFINEON-S70GL02GS11FHA01X Datasheet
305Kb / 24P
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
Rev. L 2023-08-11
S70GL02GS11FHA02X INFINEON-S70GL02GS11FHA02X Datasheet
305Kb / 24P
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
Rev. L 2023-08-11
S70GL02GS11FHB01X INFINEON-S70GL02GS11FHB01X Datasheet
305Kb / 24P
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
Rev. L 2023-08-11
S70GL02GS11FHB02X INFINEON-S70GL02GS11FHB02X Datasheet
305Kb / 24P
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
Rev. L 2023-08-11
More results

Similar Description - S70GL02GS

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
List of Unclassifed Man...
TIP250 ETC2-TIP250 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
Micron Technology
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
logo
Cypress Semiconductor
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
2-Gbit (256-Mbyte) 3.0V Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81XA ESMT-F59D2G81XA Datasheet
2Mb / 84P
2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
2 Gbit (256M x 8) 1.8V NAND Flash Memory
F50L2G41XA ESMT-F50L2G41XA Datasheet
1Mb / 49P
3.3V 2 Gbit SPI-NAND Flash Memory
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
2 Gbit (256M x 8) 3.3V NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com